AI

The **M2AS1-6232-R2/CE** is a specialized electronic component, typically categorized as a high-density, high-performance backplane or board-to-board connector assembly, often used in telecommunications or industrial computing environments (such as ATCA or CompactPCI architectures).
---
### 1. Component Overview
This part is engineered for high-speed signal integrity and robust mechanical connection. Below is a breakdown of its primary electronic and physical characteristics:
| Attribute | Specification |
| :--- | :--- |
| **Type** | Board-to-Board / High-Speed Backplane Connector |
| **Configuration** | Multi-row, High-density pins |
| **Mounting Type** | Press-fit (Solderless) or Through-hole |
| **Contact Material** | Copper Alloy with Gold over Nickel Plating |
| **Application** | Data centers, Network switches, Industrial servers |
---
### 2. Key Electronic Features
#### High-Speed Differential Signaling
The internal geometry of the pins is designed to minimize crosstalk and impedance mismatch. This allows the part to handle high-frequency signals required for protocols like PCIe, Ethernet (10G/40G), or InfiniBand.
#### Signal Integrity (SI) Design
* **Shielding:** Integrated ground planes or shielding plates between signal rows to prevent electromagnetic interference (EMI).
* **Impedance Control:** Tight tolerances on pin spacing ensure a consistent 85Ω or 100Ω differential impedance.
#### Power and Grounding
The "CE" suffix often denotes compliance with specific European standards or specific pin assignments for grounding. These connectors usually feature a mix of:
1. **Signal Pins:** For data transmission.
2. **Power Pins:** Thickened contacts capable of handling higher currents (Amps).
3. **Grounding Pins:** Longer pins (First-Mate Last-Break) to ensure electrostatic discharge (ESD) protection during hot-swapping.
---
### 3. Mechanical & Structural Parts
* **Insulator Housing:** Made of high-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer) to withstand lead-free soldering temperatures.
* **Press-fit "Eye-of-the-Needle":** The pins use a compliant tail design. This allows the connector to be pressed into the PCB without soldering, creating a cold-weld connection that is highly resistant to vibration.
* **Alignment Keys:** Built-in plastic guides to prevent "blind-mating" errors where pins might be bent due to misalignment.
---
### 4. Technical Nomenclature (Breakdown)
While specific to the manufacturer's catalog (often linked to brands like ERNI, Harting, or TE Connectivity), the code usually breaks down as follows:
* **M2AS:** Series designation (Metric 2mm High-Speed).
* **1-6232:** Specific configuration (Number of rows, pins, and housing style).
* **R2:** Revision or RoHS 2 compliance status.
* **CE:** Customer-specific variant or European Conformity marking.
- ⤷
What are the maximum data transfer rates supported by this connector series?
- ⤷ Does this part require specific tooling for PCB installation?
- ⤷ What are the power rating limits per pin for the M2AS series?