M2AS1-6242-R
AI

The **M2AS1-6242-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Common Mode Choke** or a **LAN Transformer** module, often used in networking and telecommunications equipment.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The part is designed for high-frequency signal integrity, primarily used to suppress electromagnetic interference (EMI) in Ethernet or data transmission lines.
| Feature | Description |
| :--- | :--- |
| **Component Type** | LAN Magnetics / Common Mode Choke |
| **Configuration** | Single Port / Discrete Component |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
| **Application** | 10/100/1000 Base-T Ethernet |
---
### 2. Key Electronic Characteristics
These components are engineered to provide isolation and noise filtering while maintaining signal quality.
* **Isolation Voltage:** Usually rated for **1500Vrms** to protect sensitive ICs from high-voltage spikes on the network line.
* **Insertion Loss:** Designed for minimal loss (typically < -1.1 dB) across the operating frequency range (1MHz - 100MHz).
* **Return Loss:** Optimized to prevent signal reflection, ensuring stable data transmission.
* **Common Mode Rejection (CMR):** High attenuation of common-mode noise to prevent EMI from affecting other electronics.
---
### 3. Physical & Material Properties
The "R" at the end of the part number typically signifies **RoHS Compliance**, meaning the part is lead-free.
| Property | Value/Material |
| :--- | :--- |
| **Package Style** | Low-profile SMT |
| **Core Material** | Ferrite |
| **Termination Finish** | Tin (Sn) or Gold Flash over Nickel |
| **Operating Temp** | Typically -40°C to +85°C (Industrial Grade) |
---
### 4. Typical Circuit Application
In a standard circuit, the M2AS1-6242-R is placed between the **PHY (Physical Layer) Chip** and the **RJ45 Connector**.
```mermaid
graph LR
A[Ethernet PHY Chip] --> B[M2AS1-6242-R Transformer]
B --> C[RJ45 Connector]
C --> D[Network Cable]
```
### 5. Potential Equivalents
If sourcing this specific part is difficult, common manufacturers of equivalent magnetics include:
* **Pulse Electronics**
* **Wurth Elektronik**
* **Bourns**
* **TDK**
---
- ⤷
What are the pinout dimensions for the M2AS1-6242-R?
- ⤷ Can this part be used for Power over Ethernet (PoE) applications?
- ⤷ Which specific manufacturers produce the M2AS1 series?