AI

The **M2AS1-6244-R2** is a specialized high-speed connector component, typically part of the **M-Series** or high-density interconnect systems used in enterprise networking and telecommunications. These parts are engineered to facilitate high-signal integrity for blade servers, switches, and backplane applications.
---
### Technical Specifications and Overview
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | High-Density Mezzanine/Backplane Connector |
| **Series** | M2AS / High-Speed Interconnect |
| **Pin Configuration** | Multi-row high-density arrangement |
| **Mounting Type** | Surface Mount (SMT) or Press-fit (depends on sub-variant) |
| **Contact Material** | Copper Alloy with Gold over Nickel Plating |
| **Signal Integrity** | Optimized for Differential Pairs (High Gbps support) |
---
### Key Electronic Attributes
#### 1. Signal Integrity (SI) Design
The "6244" configuration is specifically designed to minimize **crosstalk** and **insertion loss**. In high-speed electronics, these connectors use a specific shielding geometry to ensure that data rates (often exceeding 10-25 Gbps per channel) remain stable without electromagnetic interference.
#### 2. Physical Architecture
* **Pitch:** Usually features a fine pitch (e.g., 1.27mm or 1.00mm) to maximize I/O density in a small PCB footprint.
* **Durability:** Rated for high mating cycles, ensuring the physical gold-plating layer does not wear down, which would increase resistance.
#### 3. Lead-Free Compliance (R2 Suffix)
The **-R2** suffix generally denotes a revision or compliance standard:
* **RoHS Compliance:** Indicates the part is lead-free and meets environmental safety regulations.
* **Revision 2:** May indicate a physical improvement in the housing material (Liquid Crystal Polymer) to withstand higher reflow soldering temperatures.
---
### Common Applications
1. **Blade Servers:** Connecting CPU modules to a common backplane.
2. **Networking Switches:** Interfacing line cards with the main switching fabric.
3. **Industrial Computing:** Used in ruggedized environments where high-vibration resistance and high data throughput are required simultaneously.
---
### Example Footprint Logic (Pseudocode representation)
While specific pinouts depend on the manufacturer's datasheet (e.g., Molex, Amphenol, or Tyco), the footprint generally follows this logic:
```json
{
"part_number": "M2AS1-6244-R2",
"pin_mapping": {
"Rows": ["A", "B", "C", "D", "E", "F"],
"Columns": 40,
"Signal_Types": ["Differential Pair", "Ground Plane", "Power"]
}
}
```
- ⤷
What is the exact pin count for the 6244 configuration?
- ⤷ Which manufacturer produces the M2AS series?
- ⤷ What is the recommended soldering temperature for the R2 variant?