AI

The **M2AS1-6311-R/CE** is a specific part number typically associated with **Industrial Control Switches**, specifically from the **M2 series** of push-button switches (often manufactured by companies like DECA Switchlab).
Below is a detailed breakdown of its electronic and mechanical components.
---
### 1. General Specifications
This part is a **16mm Pilot Lamp / Push Button Switch**. The alphanumeric code defines its specific configuration:
| Feature | Specification |
| :--- | :--- |
| **Mounting Diameter** | 16mm (Circular) |
| **Action Type** | Alternate (Latching) - Push to stay, Push to release |
| **Contact Block** | 1a1b (1 Normally Open + 1 Normally Closed) |
| **Illumination** | LED Integrated |
| **Shape** | Square (S1 designation) |
| **Color** | Red (R designation) |
---
### 2. Electronic Component Breakdown
#### A. Contact Block (Switching Mechanism)
The "63" in the code typically refers to the contact arrangement.
* **Gold-Clad Silver Contacts:** These are used to ensure low contact resistance and high reliability, even in low-current logic circuits.
* **1a1b Configuration:** This means the switch contains one set of **Normally Open (NO)** contacts and one set of **Normally Closed (NC)** contacts.
#### B. Illumination (The LED System)
The "11" in the suffix usually denotes the voltage and lamp type:
* **Light Source:** High-brightness LED.
* **Voltage:** Commonly rated for **24V AC/DC** (though this should be verified against the specific datasheet as "11" can sometimes refer to 110V depending on the manufacturer's series update).
* **Current Draw:** Typically very low (approx. 15-20mA), making it compatible with PLC outputs.
#### C. Terminal Design
* **Solder/Plug-in Terminals:** The pins are designed to be either soldered directly to wires or plugged into a matching socket (Solder terminal type).
* **Protection:** Rated **IP40** or **IP65** (depending on the "CE" sealing certification), meaning it is protected against dust and, in some versions, water splashes.
---
### 3. Electrical Ratings
To ensure the part functions correctly within a circuit, it must adhere to these limits:
| Parameter | Value (Typical) |
| :--- | :--- |
| **Rated Thermal Current ($I_{th}$)** | 5A |
| **Rated Insulation Voltage ($U_i$)** | 250V AC |
| **Contact Resistance** | 50m$\Omega$ Max (Initial) |
| **Electrical Life** | > 100,000 operations |
| **Mechanical Life** | > 1,000,000 operations |
---
### 4. Part Number Decoder (M2AS1-6311-R/CE)
* **M2:** Series name (16mm Miniature Switches).
* **A:** Alternate (Latching) action.
* **S1:** Square Head shape.
* **63:** Contact configuration (1NO+1NC).
* **11:** Lamp Voltage/Type.
* **R:** Red Color.
* **CE:** Meets European Safety Standards (Conformité Européenne).
- ⤷What is the difference between Alternate (A) and Momentary (M) action for this switch?
- ⤷ What are the specific wiring pinouts for a 1a1b contact block?
- ⤷ Can this switch be used with 220V AC mains directly?