M2AS1-6314-R
AI

The **M2AS1-6314-R** is a specific electronic component typically categorized as a **Modular Jack (RJ45)** connector. These parts are fundamental in networking hardware, providing the physical interface for Ethernet cables.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
The part belongs to the category of **Integrated Connector Modules (ICM)** or standard RJ45 modular jacks. It is designed for PCB (Printed Circuit Board) mounting.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C - 8 Positions, 8 Contacts) |
| **Mounting Type** | Through-Hole (THT), Right Angle |
| **Shielding** | Shielded (Metal housing for EMI/RFI protection) |
| **Orientation** | Side Entry (Right Angle to the PCB) |
| **LED Configuration** | Typically features Green/Yellow LEDs (Integrated) |
---
### 2. Electronic Characteristics
The internal electronics of these connectors often include "Magnetics" (transformers and chokes) to handle signal isolation and noise reduction.
* **Signal Integrity:** Designed to support Ethernet speeds (typically 10/100 Base-T or 1000 Base-T Gigabit Ethernet, depending on the internal wiring).
* **Isolation Voltage:** Usually rated for 1500V AC to protect the internal circuitry from external electrical surges.
* **Contact Resistance:** Typically < 30mΩ to ensure low signal loss.
* **Insulation Resistance:** Usually > 500MΩ at 500V DC.
---
### 3. Key Physical Components
A breakdown of the materials used in the construction of the M2AS1-6314-R:
1. **Housing:** High-temperature thermoplastic (UL 94V-0 rated) to withstand wave soldering.
2. **Contacts:** Phosphor Bronze base with Gold plating over Nickel. Gold plating is essential for preventing corrosion and ensuring a reliable connection over thousands of mating cycles.
3. **Shield:** Copper alloy or Stainless steel with Nickel plating to provide a path to ground for electromagnetic interference.
4. **LEDs:** Low-power diodes integrated into the front face to indicate "Link" and "Activity" status.
---
### 4. Application Examples
This part is commonly found in the following devices:
* Network Switches and Routers.
* Industrial PC Motherboards.
* Embedded systems (IoT Gateways).
* Set-top boxes and Gaming consoles.
---
- ⤷
Does this part support Power over Ethernet (PoE)?
- ⤷ What is the recommended footprint for the PCB layout?
- ⤷ How does the '6314' suffix differ from other variants in the M2AS series?