Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-6314-R/Q

  • AI
    The **M2AS1-6314-R/Q** is a specific part number typically associated with **RJ45 Connector Modules** used in networking hardware. These components are "Integrated Connector Modules" (ICMs), meaning they combine the physical mechanical port with internal signal-conditioning electronics. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic and mechanical characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | RJ45 Integrated Connector Module (ICM) | | **Configuration** | 1x1 Port (Single Port), Tab-Up | | **Data Rate** | Typically 10/100/1000 Base-T (Gigabit Ethernet) | | **Internal Magnetics** | Includes Transformers, Chokes, and Capacitors | | **LED Configuration** | Integrated Status LEDs (usually Green/Yellow) | | **Shielding** | Metal Shield for EMI/RFI protection | --- ### 2. Internal Electronic Components Unlike a "dumb" plastic jack, the M2AS1 series contains a small PCB inside the housing with the following "magnetics": * **Isolation Transformers:** Provides 1500Vrms isolation between the Ethernet cable and the PHY (Physical Layer) chip to protect sensitive circuitry from power surges. * **Common Mode Chokes:** Filters out electromagnetic interference (EMI) and noise from the data lines. * **Bob Smith Termination:** A resistor-capacitor network designed to reduce common-mode noise and improve signal integrity across the pairs. * **LEDs:** Integrated light-emitting diodes that indicate "Link" and "Activity" status directly on the front of the jack. --- ### 3. Pinout and Physical Layout The part generally adheres to standard footprints for through-hole mounting (THT) on a Printed Circuit Board (PCB). 1. **Signal Pins:** Connect to the Ethernet PHY chip. 2. **Shield Tabs:** Provide grounding to the chassis/enclosure to drain static and reduce emissions. 3. **LED Pins:** Separate pins to drive the indicator lights from the system microcontroller or PHY. --- ### 4. Applications This part is commonly found in: * **Industrial PCs:** High-reliability networking ports. * **Network Switches/Routers:** Local area network interfaces. * **Embedded Systems:** Adding Ethernet connectivity to custom PCB designs.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M2AS1 series?
    • ⤷ Is this part compatible with Power over Ethernet (PoE)?
    • ⤷ What are the recommended soldering temperature profiles for this component?