M2AS1-6322-R/N
AI

The **M2AS1-6322-R/N** is a specialized electronic component primarily used in industrial and telecommunications equipment. It belongs to the category of **Modular Connectors** (specifically RJ45/Ethernet connectors) with integrated magnetics.
---
## Technical Overview
This component is a **MagJack** (Integrated Connector Module). Unlike a standard plastic RJ45 port, this part contains internal circuitry designed to filter signals and provide electrical isolation between the network cable and the PCB.
### 1. Key Specifications
| Parameter | Description |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C) |
| **Speed/Protocol** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Orientation** | Right Angle (Side Entry) |
| **Mounting Type** | Through-Hole (THT) |
| **LED Configuration** | Typically Dual (Green/Yellow) |
| **Shielding** | Metal Shield with EMI tabs |
### 2. Internal Electronic Components
Inside the metal housing, the M2AS1-6322-R/N contains several passive electronic elements:
* **Isolation Transformers:** Protects the sensitive PHY (Physical Layer) chip on the motherboard from high-voltage surges on the Ethernet cable.
* **Common Mode Chokes:** Used to suppress electromagnetic interference (EMI) and noise to ensure signal integrity.
* **Termination Resistors:** Typically 75-ohm resistors used to match impedance and reduce signal reflections.
* **High-Voltage Capacitor:** Usually rated for 2kV to provide high-voltage isolation between the primary and secondary sides.
### 3. Pinout and Interface
The component features two distinct sets of pins:
1. **Cable Side:** Standard 8-pin interface for the RJ45 plug.
2. **PCB Side:** Pins that solder into the circuit board, usually divided into:
* **Signal Pins:** For transmitting and receiving data pairs.
* **LED Pins:** To power the status indicator lights.
* **Shield Tabs:** For grounding the metal chassis to the PCB ground plane.
---
## Applications
* **Networking Hardware:** Routers, switches, and hubs.
* **Industrial PC (IPC):** Providing ruggedized network access.
* **Embedded Systems:** Single-board computers (SBCs) and IoT gateways.
---
## Example Wiring Logic (Conceptual)
```cpp
// Logic for LED indicators often integrated in these parts
if (link_established) {
digitalWrite(GREEN_LED_PIN, HIGH); // Link Solid
}
if (data_transmitting) {
digitalWrite(YELLOW_LED_PIN, TOGGLE); // Activity Blinking
}
```
- ⤷What is the footprint layout for the M2AS1-6322-R/N?
- ⤷ Does this part support Power over Ethernet (PoE)?
- ⤷ What are the common alternatives for this specific MagJack?