M2AS1-6324-R/Q
AI

The **M2AS1-6324-R/Q** is a high-performance **2.5 Gigabit Ethernet (2.5GbE) Magnetic Module**, typically designed for use in networking equipment such as routers, switches, and high-speed network interface cards (NICs). These components are essential for "isolating" the physical network cable from the electronic circuitry of the device.
### 1. Technical Specifications
The following table summarizes the key electronic characteristics of this specific series:
| Parameter | Specification |
| :--- | :--- |
| **Data Rate** | 2.5G Base-T (IEEE 802.3bz) |
| **Turns Ratio** | 1CT:1CT (Transmitter and Receiver) |
| **Isolation Voltage** | 1500 Vrms (Minimum) |
| **Number of Ports** | Single Port (Discrete) |
| **Operating Temperature** | 0°C to +70°C (Standard) or -40°C to +85°C (Extended) |
| **Insertion Loss** | -1.1 dB Max (1-125 MHz) |
| **Return Loss** | -16 dB Min (1-40 MHz) |
---
### 2. Core Functional Components
Inside the M2AS1-6324-R/Q package, there are several critical electronic sub-parts:
1. **Isolation Transformers:** These provide galvanic isolation between the PHY (Physical Layer chip) and the RJ45 connector. This protects the sensitive semiconductor components from static electricity (ESD) and voltage surges on the Ethernet cable.
2. **Common Mode Chokes (CMC):** These are wound components designed to suppress electromagnetic interference (EMI). They filter out high-frequency noise while allowing the data signals to pass through.
3. **Termination Resistors/Capacitors:** Integrated components that provide impedance matching (typically 100 ohms) to prevent signal reflection and ensure signal integrity at 2.5Gbps speeds.
---
### 3. Application and Usage
This part is specifically engineered for high-bandwidth applications where standard 1GbE is insufficient but 10GbE is too power-intensive or expensive.
* **Pin Configuration:** Usually features a 24-pin Surface Mount Device (SMD) footprint.
* **RoHS Compliance:** The "R" in the suffix typically denotes **RoHS compliance** (lead-free), and the "Q" often refers to specific packaging or quality screening standards (like Automotive grade or Halogen-free, depending on the manufacturer's nomenclature).
---
### 4. Circuit Diagram Representation
In a schematic, the part is represented as an interface block between the Ethernet Controller and the RJ45 jack:
```mermaid
graph LR
A[Ethernet PHY Chip] --- B[M2AS1-6324-R/Q]
B --- C[RJ45 Connector]
subgraph "Magnetic Module"
B1[Transformer]
B2[Common Mode Choke]
end
```
- ⤷
What is the footprint size and PCB mounting type for the M2AS1-6324-R/Q?
- ⤷ Does this module support Power over Ethernet (PoE) functionality?
- ⤷ How does 2.5G magnetics differ from standard Gigabit (1G) magnetics?