Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-6324-R2/Q

  • AI
    The part number **M2AS1-6324-R2/Q** refers to a high-speed, small form-factor interconnect component, specifically a **Mini-SAS HD (High Density)** internal cable assembly or connector interface. These are primarily used in enterprise storage systems and networking hardware. --- ### 1. Component Specification Overview | Feature | Specification | | :--- | :--- | | **Interface Type** | Mini-SAS HD (High Density) | | **Standard** | SFF-8643 (Internal) | | **Signal Density** | 4-Channel (4x) | | **Data Rate** | Up to 12Gb/s per lane (SAS 3.0 compatible) | | **Configuration** | Right Angle (R2) / Specific Orientation | | **Application** | Storage Area Networks (SAN), RAID, Servers | --- ### 2. Breakdown of Electronic Characteristics #### A. Signal Integrity and Speed The "6324" series parts are designed to support **SAS 3.0** standards. This means the electronic traces and shielding are optimized for **12 Gbps** throughput per lane. Because it is a 4-channel part, the total bandwidth capability is **48 Gbps**. It is also backward compatible with 6 Gbps SAS and SATA drives. #### B. Physical Interface (SFF-8643) The electronic pinout follows the SFF-8643 standard. It uses a high-density "pitch" to save PCB real estate compared to older Mini-SAS (SFF-8087) connectors. * **Impedance:** 100 Ohms (Differential). * **Voltage Rating:** Typically 30V AC per contact. * **Current Rating:** 0.5A per contact. #### C. The "R2/Q" Suffix * **R2 (Right Angle):** Indicates the mechanical exit point of the cable or the mounting angle of the connector. In tight server chassis, a right-angle connector prevents cable strain against the side panel. * **Q (Qualification/Sideband):** Usually denotes specific sideband signaling support or a particular manufacturing qualification level (e.g., enhanced shielding or specific OEM requirements). --- ### 3. Typical Use Case in Electronics These parts are commonly found in the following hardware environments: 1. **Backplanes:** Connecting a motherboard to a drive swap-bay. 2. **HBA/RAID Cards:** The physical port on a PCIe card that drives multiple hard drives. 3. **JBOD Units:** Internal wiring for "Just a Bunch Of Disks" expansion units. --- ### 4. Technical Pinout Layout (Simplified) *The Mini-SAS HD interface utilizes a complex 36-pin mapping divided into sections:* ```text Section A/B: High-speed Transmit (TX) pairs. Section C/D: High-speed Receive (RX) pairs. Sidebands: Dedicated pins for SGPIO (Serial General Purpose Input/Output) used for LED status and drive identification. ```
    ✨ Follow-up Questions
    • ⤷ What are the mechanical differences between SFF-8643 and SFF-8087 connectors?
    • ⤷ Does this part support the SAS 4.0 (24G) standard?
    • ⤷ What are the common cable length limitations for 12Gb/s SAS signals?