M2AS1-6333-R
AI

The **M2AS1-6333-R** is a specific surface-mount (SMT) component, primarily identified as a **Micro SD Memory Card Connector** manufactured by companies like **Amphenol** or **ATTEND** (part numbering conventions vary slightly by manufacturer, but the "M2AS" series typically refers to Micro SD sockets).
Below is the technical breakdown of its electronic and mechanical parts.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics:
| Property | Description |
| :--- | :--- |
| **Component Type** | Micro SD (TF) Card Connector |
| **Mounting Type** | Surface Mount (SMT / SMD) |
| **Number of Pins** | 8 Signal Pins + 1 Detect Pin + 2 Shell Tabs |
| **Current Rating** | 0.5A per pin |
| **Voltage Rating** | 100V AC/DC |
| **Insertion Style** | Push-Push (Ejector Mechanism) |
| **Orientation** | Right Angle, Top Mount |
---
## 2. Key Electronic Parts and Materials
The connector consists of several integrated sub-components that ensure electrical conductivity and signal integrity:
### A. Contact Pins (Terminals)
* **Material:** Usually Phosphor Bronze.
* **Plating:** Gold plating on the contact area (to prevent oxidation) and Tin plating on the solder tails.
* **Function:** These make physical contact with the gold fingers of the Micro SD card to transmit data (DAT0-DAT3), Clock (CLK), and Power (VCC/GND).
### B. The Housing (Insulator)
* **Material:** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer).
* **Function:** It holds the pins in precise alignment and provides insulation between them to prevent short circuits during high-frequency data transmission.
### C. Metal Shield / Shell
* **Material:** Stainless Steel.
* **Function:** Provides Electromagnetic Interference (EMI) shielding and acts as the mechanical structural support. It is typically soldered to the PCB ground plane.
### D. Detection Switch
* **Type:** Normally Open or Normally Closed.
* **Function:** A mechanical lever that closes/opens a circuit when a card is fully inserted, signaling the CPU/Microcontroller that a card is present.
---
## 3. Pinout Configuration
Standard Micro SD pin mapping for this connector type:
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | DAT2 | Data Line 2 |
| 2 | CD/DAT3 | Card Detect / Data Line 3 |
| 3 | CMD | Command/Response |
| 4 | VDD | Supply Voltage (2.7V - 3.6V) |
| 5 | CLK | Clock |
| 6 | VSS | Supply Voltage Ground |
| 7 | DAT0 | Data Line 0 |
| 8 | DAT1 | Data Line 1 |
| G | GND | Shield/Ground |
---
## 4. Footprint and Soldering
When designing a PCB for the **M2AS1-6333-R**, engineers must account for:
1. **Solder Paste Stencil:** Precise apertures for the 0.5mm pitch pins.
2. **Card Path:** A "keep-out" area on the PCB where no other components can be placed to allow for the card's physical insertion and ejection travel.
- ⤷
What is the difference between a Push-Push and a Push-Pull mechanism for this connector?
- ⤷ Can this connector support UHS-I high-speed data transfer rates?
- ⤷ What are the recommended reflow soldering temperature profiles for LCP housings?