M2AS1-6334-R2
AI

The **M2AS1-6334-R2** is a specialized high-performance backplane connector system, typically used in military, aerospace, and high-reliability industrial computing. It is part of the **VITA 46 (VPX)** standard ecosystem, specifically designed for OpenVPX architectures.
---
### 1. Technical Specifications
This component is a multi-pin, high-density connector designed to facilitate high-speed data transfer between a plug-in module (daughtercard) and a backplane.
| Feature | Specification |
| :--- | :--- |
| **Standard** | VITA 46.0 / VITA 65 (VPX) |
| **Connector Type** | Multi-Gig RT 2-R (Ruggedized) |
| **Data Rate** | Supports 10+ Gbps (Ultra-high speed) |
| **Pitch** | 1.8mm to 1.35mm grid |
| **Mounting Style** | Press-fit (Solderless) |
| **Operating Temp** | -55°C to +125°C |
---
### 2. Key Electronic Components & Features
#### A. Contact Design (RT 2-R Technology)
Unlike traditional pin-and-socket connectors, the "R" in the part number signifies **Ruggedized**. It uses a quad-redundant contact system. This ensures that even under extreme vibration or mechanical shock, at least one contact point remains closed to maintain signal integrity.
#### B. Differential Pair Signaling
The internal geometry is optimized for differential signaling. This reduces:
* **Crosstalk:** Shielding between signal pairs prevents interference.
* **Insertion Loss:** High-grade copper alloys with gold plating minimize signal degradation over high frequencies.
#### C. Press-Fit Termination
The "Electronic" interface with the PCB is a "compliant pin" or "eye-of-the-needle" design. This allows for a gas-tight connection without the heat stress of soldering, which is critical for multilayer thick backplanes.
---
### 3. Application Use Cases
Due to its robust nature, the M2AS1-6334-R2 is found in the following electronic environments:
1. **Radar & Signal Processing:** Handling massive data throughput from sensor arrays.
2. **Electronic Warfare (EW):** Reliable performance in high-interference environments.
3. **SDR (Software Defined Radio):** Maintaining low-latency high-speed paths for RF data.
4. **Embedded Computing:** Standard interconnect for 3U and 6U VPX blades.
---
### 4. Comparison to Standard RT 2
| Feature | Standard RT 2 | RT 2-R (Ruggedized) |
| :--- | :--- | :--- |
| **Vibration Tolerance** | Standard Industrial | Extreme (MIL-STD-810) |
| **Durability** | 200 Cycles | 500+ Cycles |
| **Contact Points** | 2 Points | 4 Points (Redundant) |
- ⤷
What are the specific pinout configurations for the M2AS1-6334-R2?
- ⤷ How does the press-fit installation process differ from wave soldering for these connectors?
- ⤷ Which VPX slot profiles typically utilize this specific connector model?