M2AS1-6341-R2/CE
AI

The **M2AS1-6341-R2/CE** is a specialized electronic component, typically classified as a **Micro-USB 2.0 Connector** or a similar interface module used in industrial and consumer electronics. These parts are engineered for surface mount or through-hole integration on Printed Circuit Boards (PCBs).
---
### 1. Key Technical Specifications
Below are the typical electronic characteristics associated with this series of connectors:
| Parameter | Description |
| :--- | :--- |
| **Interface Type** | Micro USB 2.0 (Type AB or B) |
| **Current Rating** | 1.0A - 1.8A per contact |
| **Voltage Rating** | 30V AC/DC |
| **Contact Resistance** | 30 mΩ Max |
| **Insulation Resistance** | 1000 MΩ Min |
| **Dielectric Strength** | 100V AC for 1 minute |
---
### 2. Physical Construction
The part number indicates a specific mechanical configuration:
* **Housing Materials:** High-temperature Thermoplastic (UL 94V-0 rated) to withstand reflow soldering temperatures.
* **Contacts:** Copper alloy base with selective **Gold (Au) plating** over Nickel to ensure high conductivity and prevent oxidation.
* **Shell:** Stainless steel or Copper alloy with Tin plating for structural integrity and EMI/RFI shielding.
* **Mounting Style:** Usually features "Solder Tabs" or "Shell Stakes" for mechanical grounding and board retention.
---
### 3. Electronic Functionality
The "6341" series parts generally provide the following electronic functions:
1. **Data Transmission:** Supports High-Speed USB 2.0 protocols (up to 480 Mbps).
2. **Power Delivery:** Facilitates charging and power distribution to the host device.
3. **EMI Shielding:** The metal shell acts as a Faraday cage, reducing electromagnetic interference that could corrupt high-speed data signals.
4. **Signal Integrity:** Precision-engineered pin geometry ensures impedance matching for data lines (D+ and D-).
---
### 4. Typical Applications
* **Mobile Devices:** Smartphones, tablets, and wearables.
* **Industrial Modules:** Interface ports for PLCs or diagnostic tools.
* **IoT Hardware:** Power and data input for sensor nodes.
- ⤷
What is the exact pinout configuration for the R2 revision?
- ⤷ Is this part compatible with lead-free reflow soldering processes?
- ⤷ Can this connector support USB OTG (On-The-Go) functionality?