M2AS1-6342-R/CE
AI

The **M2AS1-6342-R/CE** is a specialized electronic component, specifically a **Mini-SAS (Serial Attached SCSI) Internal Cable Assembly**. These parts are critical in high-speed data environments like servers, data centers, and high-performance workstations.
---
## 1. Technical Specifications
This component is designed to bridge the gap between storage controllers (HBAs/RAID cards) and backplanes or hard drives.
| Feature | Specification |
| :--- | :--- |
| **Connector Type A** | SFF-8087 (Internal Mini-SAS 36-pin) |
| **Connector Type B** | SFF-8087 (Internal Mini-SAS 36-pin) |
| **Data Rate** | 6.0 Gbps (per lane) |
| **Configuration** | 4-lane (4i) design |
| **Cable Length** | Typically 0.5m to 1m (Standard for R/CE series) |
| **Impedance** | 100 Ohms |
| **Protocol Support** | SAS 2.1 and SATA III |
---
## 2. Key Electronic Characteristics
### High-Speed Signal Integrity
The "R" in the part number often denotes **RoHS compliance**, while the "CE" indicates certification for European safety and electromagnetic interference standards. The internal wiring is shielded to prevent **Crosstalk** and **Electromagnetic Interference (EMI)**, which is vital when transmitting data at 6Gbps per lane.
### Physical Architecture
* **Sidebands:** The cable includes dedicated wires for sideband signaling (SGPIO), allowing the controller to communicate with the backplane for "Enclosure Management" (e.g., controlling drive status LEDs).
* **Latch Mechanism:** The SFF-8087 connectors feature a mechanical friction or push-button latch to ensure the connection does not vibrate loose in server chassis.
---
## 3. Common Applications
1. **Server Backplanes:** Connecting a motherboard's integrated SAS port to a drive cage.
2. **RAID Cards:** Linking a PCIe RAID controller (like LSI or Adaptec) to multiple SATA/SAS drives.
3. **JBOD Enclosures:** Internal routing within "Just a Bunch of Disks" expansion units.
---
- ⤷
What is the difference between SFF-8087 and SFF-8643 connectors?
- ⤷ Does this cable support 12Gbps SAS 3.0 speeds?
- ⤷ How does SGPIO sideband signaling work in this assembly?