M2AS1-6342-R/Q
AI

The **M2AS1-6342-R/Q** is a specific part number typically associated with **Automotive Connectors**, specifically within the Ford Motor Company engineering standards or similar high-reliability industrial applications.
Below is a detailed breakdown of the technical aspects and electronic characteristics of this component category.
---
### 1. General Specifications
This part belongs to a family of high-density, multi-pin connectors designed for harsh environments.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Automotive / Industrial Electrical Connector |
| **Housing Material** | High-temperature Thermoplastic (PBT or PA66) |
| **Contact Plating** | Usually Silver (Ag) or Tin (Sn) for corrosion resistance |
| **Orientation** | Right Angle or Straight (depending on suffix) |
| **Mounting Type** | PCB Mount or Wire-to-Board |
### 2. Key Electronic Characteristics
Connectors in this series are engineered to maintain signal integrity despite vibration and thermal cycling.
* **Current Rating:** Typically rated for 5A to 15A per contact, depending on the wire gauge and terminal size used.
* **Voltage Rating:** Standard 12V/24V DC automotive systems, but often tested for dielectric breakdown up to 500V AC.
* **Operating Temperature:** Designed to withstand engine bay temperatures ranging from **-40°C to +125°C**.
* **Contact Resistance:** Extremely low (usually < 10 mΩ) to prevent localized heating during high current flow.
### 3. Pinout and Physical Configuration
While the exact pin count depends on the specific dash number, the "6342" series generally features:
1. **Mechanical Keying:** Prevents accidental mismating with similar-looking connectors.
2. **Locking Mechanism:** Includes a CPA (Connector Position Assurance) or a TPA (Terminal Position Assurance) to ensure pins are fully seated and won't vibrate loose.
3. **Sealing:** Often features a silicone perimeter seal to meet IP67 or IP69K ratings for water and dust ingress protection.
### 4. Common Applications
* **ECU Interfaces:** Main connection points for Engine Control Units.
* **Sensor Modules:** Connecting ABS, transmission, or airbag sensors to the main wiring harness.
* **Power Distribution:** Small-to-medium power distribution blocks.
---
### 5. Part Number Breakdown (Suffix Meaning)
* **-R:** Generally indicates **RoHS Compliance** (Lead-free) or a **Right-Angle** orientation.
* **-Q:** Often refers to **Automotive Grade Quality** (AEC-Q100/200 standards) or specific packaging requirements for automated assembly.
- ⤷
What is the exact pin count for the 6342-R variant?
- ⤷ Which mating terminal series is compatible with this connector?
- ⤷ Is there a 3D CAD model or footprint available for PCB design?