M2AS1-6343-R2
AI

The **M2AS1-6343-R2** is a high-performance **1x1 Port RJ45 Connector with Integrated Magnetics** (also known as a MagJack). It is specifically designed for 10/100/1000 Base-T (Gigabit Ethernet) applications.
---
## 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 with Internal Magnetics |
| **Speed Support** | 10/100/1000 Base-T (Gigabit) |
| **Configuration** | 1x1 Port (Single Port) |
| **Mounting Type** | Through-Hole (THT), Right Angle |
| **LED Configuration** | Typically Green/Yellow (Left/Right) |
| **Shielding** | EMI Finger/Shielded Copper Alloy |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
## 2. Internal Electronic Components
Inside the housing of the M2AS1-6343-R2, there are several critical electronic stages that handle the signal between the Ethernet PHY (Physical Layer chip) and the network cable:
### A. Isolation Transformers
* **Purpose:** Provides 1500V AC isolation between the input and output.
* **Function:** Protects the sensitive circuitry on the PCB from voltage spikes and static on the network line.
### B. Common Mode Chokes
* **Purpose:** EMI (Electromagnetic Interference) suppression.
* **Function:** Filters out high-frequency noise while allowing the differential data signals to pass through cleanly.
### C. Termination Resistors & Capacitors
* **Purpose:** Impedance matching (typically 75 Ohms).
* **Function:** Known as "Bob Smith" termination, these components reduce reflections and prevent signal degradation over long cable runs.
---
## 3. Pinout and Signal Integrity
The component utilizes a standard footprint. Below is the typical pin mapping for integrated magnetics:
```cpp
// Typical Signal Path for 1000 Base-T
// PHY Side (Input) -> Magnetics -> RJ45 Side (Output)
TRD0+ ----[ Transformer ]---- Pin 1 (TX_D1+)
TRD0- ----[ Transformer ]---- Pin 2 (TX_D1-)
TRD1+ ----[ Transformer ]---- Pin 3 (RX_D2+)
TRD1- ----[ Transformer ]---- Pin 6 (RX_D2-)
// Pairs 3 and 4 follow for Gigabit speeds
```
---
## 4. Key Advantages
1. **Space Saving:** By integrating the magnetics inside the RJ45 jack, you save approximately 50% of PCB real estate compared to using discrete transformers.
2. **Noise Reduction:** The shielded metal shell acts as a Faraday cage, significantly reducing EMI emissions and susceptibility.
3. **Reliability:** Factory-tested as a single unit, ensuring that the transformer turns ratios and LED polarities are perfectly matched to the housing.
---
- ⤷What is the recommended PCB footprint for the M2AS1-6343-R2?
- ⤷ Does this model support Power over Ethernet (PoE)?
- ⤷ What are the specific LED colors and their forward voltage ratings?