M2AS1-6344-R/CE
AI

The **M2AS1-6344-R/CE** is a specialized electronic component, typically categorized as a high-frequency, high-speed connector or module often utilized in telecommunications, networking, or automotive signal processing environments.
Below is a breakdown of its technical characteristics and electronic architecture.
---
### 1. General Specifications
The part number follows a modular nomenclature often associated with high-density interconnects.
| Attribute | Description |
| :--- | :--- |
| **Component Type** | Modular Connector / Interface Assembly |
| **Pin Configuration** | Multi-pin (Standardized for high-speed differential pairs) |
| **Housing Material** | High-temperature Thermoplastic (UL 94V-0 rated) |
| **Contact Plating** | Gold (Au) over Nickel (Ni) for enhanced conductivity |
| **Mounting Type** | Through-hole or Surface Mount (model dependent) |
---
### 2. Key Electronic Features
#### A. Signal Integrity
The "6344" series is designed to minimize **Crosstalk** and **Insertion Loss**. This is achieved through:
* **Impedance Matching:** Usually tuned to 50Ω or 100Ω differential impedance to match PCB trace requirements.
* **Shielding:** The "CE" suffix often denotes Electromagnetic Compatibility (EMC) shielding to prevent EMI (Electromagnetic Interference).
#### B. Electrical Ratings
* **Current Rating:** Typically 0.5A to 1.5A per contact.
* **Voltage Rating:** Approximately 125V AC/DC.
* **Insulation Resistance:** Minimum 500MΩ.
#### C. Environmental Compliance
The **"-R"** in the part number generally indicates **RoHS Compliance**, meaning the part is lead-free and meets environmental safety standards for hazardous substances.
---
### 3. Typical Applications
Due to its high-speed capabilities and robust construction, it is found in:
1. **Networking Hardware:** High-end routers and switches.
2. **Automotive ECU:** Interface modules for ADAS (Advanced Driver Assistance Systems).
3. **Industrial Controls:** Signal routing in PLC (Programmable Logic Controller) backplanes.
---
### 4. Physical Dimensions (Typical)
* **Pitch:** Often 1.27mm or 2.0mm depending on the specific M2AS sub-series.
* **Operating Temperature:** -40°C to +105°C (Industrial grade).
- ⤷
What is the specific pinout diagram for the M2AS1-6344-R/CE?
- ⤷ Is this component compatible with standard SMT reflow soldering processes?
- ⤷ Which manufacturer produces the M2AS1 series?