M2AS1-6414-R
AI

The **M2AS1-6414-R** is a specific electronic component typically associated with high-frequency RF (Radio Frequency) applications. It is a **Surface Mount (SMT) Directional Coupler**, often utilized in telecommunications and signal processing.
---
### 1. General Specifications
Directional couplers like the M2AS1-6414-R are passive devices used to sample a specific amount of power from a transmission line without significantly disrupting the main signal flow.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Directional Coupler |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Common Application** | Power monitoring, signal leveling, and VSWR measurement |
| **Structure** | Multi-layer ceramic or ferrite-based core |
### 2. Key Electronic Characteristics
While specific datasheets can vary by manufacturer (often associated with brands like *Mini-Circuits* or *MACOM* equivalents), these parts generally follow these electronic principles:
* **Frequency Range:** Designed to operate in high-frequency bands (L-band, S-band, or specific cellular frequencies).
* **Coupling Value:** The "-6" or "-14" in similar part numbering often refers to the nominal coupling factor in decibels (dB), indicating how much power is diverted to the coupled port.
* **Insertion Loss:** Measures the power lost from the input to the output port. High-quality couplers aim for minimal insertion loss.
* **Directivity:** The ability of the device to differentiate between forward and backward traveling waves.
### 3. Pinout and Internal Logic
A standard directional coupler of this series typically features a 4-port or 6-port configuration:
1. **Input Port (P1):** Where the signal enters.
2. **Output Port (P2):** Where the main signal exits (attenuated by insertion loss).
3. **Coupled Port (P3):** Where a fraction of the input power is sampled.
4. **Isolated/Terminated Port (P4):** Usually terminated with a 50-ohm load to ensure signal integrity.
### 4. Common Applications
* **Power Amplifiers:** To monitor the output power and provide feedback to the gain control circuit.
* **Antenna Systems:** To measure reflected power (Return Loss) to ensure the antenna is properly tuned.
* **Signal Sampling:** For test equipment measurements without breaking the circuit path.
---
- ⤷What is the specific frequency range for the M2AS1 series?
- ⤷ How do I calculate insertion loss versus coupling loss in this part?
- ⤷ What are the common footprints for SMT directional couplers?