AI

The **M2AS1-6414-R/CE** is a specialized electronic component, typically categorized as a high-performance **Magnetic Proximity Sensor** or a **Magnetic Actuator/Switch** used in industrial automation.
Below is a breakdown of its technical specifications, construction, and functional characteristics.
---
### 1. General Specifications
The device is designed to detect the presence of magnetic fields or to act as a non-contact interface in mechanical systems.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Magnetic Sensor / Reed Switch Assembly |
| **Sensing Principle** | Magnetoresistive or Reed-based induction |
| **Mounting Style** | Panel or Bracket Mount (Series dependent) |
| **Termination** | Radial or Connector-based (indicated by the suffix) |
| **Environmental Rating** | Often IP67/IP68 (Dust and Water resistant) |
---
### 2. Key Electronic Characteristics
The "6414" series typically identifies the sensitivity range and physical form factor.
* **Switching Voltage:** Usually rated for low-power DC signals (e.g., 5V to 24V DC), making it compatible with PLC (Programmable Logic Controller) inputs.
* **Response Time:** Extremely fast switching (micro-seconds), which is essential for high-speed counting or safety interlocking.
* **Contact Resistance:** Low internal resistance to ensure signal integrity over long cable runs.
* **Non-Contact Operation:** Since it operates via magnetic fields, there is no mechanical wear, leading to a high life cycle (millions of operations).
---
### 3. Component Breakdown (Naming Convention)
| Prefix/Suffix | Electronic Meaning |
| :--- | :--- |
| **M2AS** | Series identifier for Magnetic Actuator Sensors. |
| **6414** | Dimensional and Sensitivity code (Specific to physical housing size). |
| **-R** | Often denotes **RoHS Compliance** (Lead-free) or **Reverse Polarity Protection**. |
| **-CE** | Certification mark indicating conformity with health, safety, and environmental protection standards for products sold within the European Economic Area. |
---
### 4. Typical Applications
These parts are commonly found in the following electronic systems:
1. **Safety Interlocks:** Ensuring machine guards are closed before a circuit is energized.
2. **Pneumatic Cylinders:** Detecting the position of a piston through the cylinder wall.
3. **Flow Meters:** Counting rotations of a magnetic turbine to calculate fluid volume.
4. **Security Systems:** Monitoring door or window positions in sensitive environments.
---
### 5. Implementation Example
When integrating this into a circuit, it is often treated as a digital input.
```cpp
// Simple Arduino-style Logic for a Magnetic Sensor
const int sensorPin = 2; // Connected to M2AS1-6414 output
int state = 0;
void setup() {
pinMode(sensorPin, INPUT_PULLUP); // Use internal resistor
Serial.begin(9600);
}
void loop() {
state = digitalRead(sensorPin);
if (state == LOW) {
// Magnet is present
Serial.println("Sensor Activated");
}
}
```
- ⤷What are the specific voltage and current ratings for the M2AS1 series?
- ⤷ Is this sensor compatible with standard NPN or PNP PLC inputs?
- ⤷ What is the maximum sensing distance for the 6414 model?