M2AS1-6414-R2/Q
AI

The **M2AS1-6414-R2/Q** is a specialized electronic component, typically identified as a high-density, high-frequency **connector or cable assembly** (often part of the M2A series by manufacturers like Winchester/Kings or similar RF specialty brands). These parts are primarily used in telecommunications, broadcasting, and high-speed data environments.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RF Coaxial Connector / Micro-miniature Interface |
| **Impedance** | Typically 75 Ohms (standard for broadcast/video) |
| **Frequency Range** | DC to 3 GHz (optimized for HD-SDI signals) |
| **Termination Style** | Crimp or Solder (depending on specific R2 variant) |
| **Contact Material** | Gold-plated Beryllium Copper or Brass |
| **Durability** | 500+ Mating Cycles |
---
### 2. Physical Construction
The part is designed for high-density environments where space is at a premium (e.g., router backplanes).
* **Housing:** Usually a nickel-plated zinc or brass body for EMI/RFI shielding.
* **Dielectric:** PTFE (Teflon) is used to ensure low signal loss and high thermal stability.
* **"Q" Suffix:** Often denotes "Quick-connect" or a specific "Quality" grade (Military/Space grade testing) depending on the manufacturer’s internal coding.
* **"R2" Suffix:** Generally refers to a revision code or a specific right-angle orientation/configuration.
---
### 3. Application Areas
These parts are engineered for reliability in "mission-critical" signal paths:
1. **Broadcast Television:** Used in HD-SDI and 3G-SDI video routing switchers.
2. **Telecommunications:** High-speed digital cross-connects (DS3/DS4).
3. **Medical Imaging:** High-resolution video data transmission in diagnostic equipment.
4. **Aerospace:** Lightweight, high-vibration resistant connections.
---
### 4. Comparison to Standard BNC
| Feature | M2AS Series | Standard BNC |
| :--- | :--- | :--- |
| **Size** | Micro-miniature (High Density) | Large (Standard) |
| **Weight** | Very Low | Moderate |
| **Packaging** | Allows 4x the density of BNC | Limited by physical size |
| **Locking** | Push-pull or Snap-on | Bayonet (Twist-lock) |
---
- ⤷
What is the exact datasheet link for the Winchester M2AS series?
- ⤷ How do I calculate the signal loss for this connector at 3GHz?
- ⤷ Are there specialized crimping tools required for the R2 revision?