M2AS1-6421-R2/N
AI

The **M2AS1-6421-R2/N** is a specific high-frequency, precision electronic component, typically categorized as a **Surface Mount (SMD) Directional Coupler** or a specialized **RF Divider/Combiner**. These components are essential in telecommunications and signal processing.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electronic characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Directional Coupler | Used to sample a specific amount of power from a signal path. |
| **Frequency Range** | 5 MHz – 1000 MHz | Covers standard CATV, VHF, and UHF bands. |
| **Coupling Value** | ~6 dB (Estimated) | Indicated by the "6" in the part number; determines signal loss to the coupled port. |
| **Impedance** | 75 Ohms | Standard for cable television (CATV) and broadband applications. |
| **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. |
| **RoHS Status** | Compliant | Lead-free and environmentally safe. |
---
### 2. Internal Electronic Structure
The part functions using a magnetic core (usually ferrite) and precision wire windings to achieve signal division.
* **Primary Line:** The main path where the signal travels from Input to Output with minimal loss (Insertion Loss).
* **Coupled Line:** A secondary path that "taps" into the electromagnetic field of the primary line to provide a sample of the signal.
* **Isolation:** The design ensures that signals do not flow backward from the output to the coupled port, maintaining signal integrity.
---
### 3. Common Applications
This part is frequently found in the following electronic systems:
1. **Cable TV (CATV) Infrastructure:** Used in amplifiers and nodes to monitor signal strength without interrupting service.
2. **Modems and Set-Top Boxes:** Helping to manage upstream and downstream signals.
3. **Test and Measurement:** Providing a sample signal to a spectrum analyzer or power meter.
4. **Signal Distribution:** Splitting a main signal into multiple paths while maintaining impedance matching.
---
### 4. Circuit Symbol Representation
In a schematic, this part is represented as a four-port device:
```text
Input [1] --------- Output [2]
|
| (Magnetic Coupling)
|
Isolated [4] -------- Coupled [3]
```
---
- ⤷What is the typical insertion loss for this specific coupler?
- ⤷ Can this component be used in 50-ohm RF systems?
- ⤷ How does temperature affect the performance of the M2AS1 series?