M2AS1-6422-R/CE
AI

The **M2AS1-6422-R/CE** is a specialized electronic component, specifically a **Modular Jack (RJ45)** connector designed for high-speed networking applications. This part is commonly integrated into PCBs (Printed Circuit Boards) for Ethernet connectivity.
---
### Technical Specifications
Below are the primary electronic and physical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RJ45 Modular Jack |
| **Orientation** | Side Entry (Right Angle) |
| **Shielding** | Shielded (Metal Housing) |
| **Mounting Type** | Through-Hole (THT) |
| **Ports** | 1x1 (Single Port) |
| **Positions/Contacts** | 8P8C (8 Positions, 8 Contacts) |
| **Integrated Magnetics** | Yes (Transformer/Choke included) |
| **LED Indicators** | Yes (Typically Green/Yellow) |
---
### Core Electronic Functions
#### 1. Integrated Magnetics (MagJack)
Unlike a simple mechanical plug, the "CE" designation often implies internal magnetics. This includes:
* **Isolation Transformers:** Protects the PHY (Physical Layer) chip from voltage surges and static.
* **Common Mode Chokes:** Filters out Electromagnetic Interference (EMI) to ensure signal integrity over long cable runs.
#### 2. Signal Integrity and Shielding
* **EMI Shielding:** The outer metal casing is grounded to the PCB to prevent high-frequency noise from escaping or entering the data path.
* **Gold Plating:** The contacts (8P8C) are typically gold-plated (e.g., 6u", 15u", or 30u") to prevent oxidation and ensure a low-resistance electrical connection over time.
#### 3. Visual Feedback (LEDs)
The connector features integrated LEDs (Light Emitting Diodes) built into the front housing.
* **Green LED:** Usually indicates "Link Established."
* **Yellow/Amber LED:** Usually indicates "Data Activity."
---
### Common Applications
* **Networking Hardware:** Routers, switches, and hubs.
* **Industrial PC:** Embedded motherboards and industrial automation controllers.
* **Telecommunications:** Modems and gateway devices.
* **IoT Devices:** Smart appliances requiring wired Ethernet stability.
---
### Internal Circuit Diagram (General Representation)
```text
[RJ45 Pins] <---> [Isolation Transformer] <---> [Common Mode Choke] <---> [PCB Pins]
| |
(High Voltage (Noise Filtering)
Protection)
```
- ⤷
What is the standard data rate support for this connector (e.g.
- ⤷ 10/100 or Gigabit)?
- ⤷ How do I interpret the pinout for the integrated LEDs?
- ⤷ What are the footprint dimensions for PCB layout design?