M2AS1-6422-R2
AI

The **M2AS1-6422-R2** is a specialized electronic component, typically categorized as a high-density, high-speed connector or a specific module interface used in telecommunications and server hardware.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This part is often associated with high-performance networking equipment. It is engineered for signal integrity and durability in high-vibration environments.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Interconnect / High-Density Connector |
| **Configuration** | Multi-pin, Right-angle or Vertical (depending on sub-variant) |
| **Contact Plating** | Usually Gold (Au) over Nickel (Ni) for enhanced conductivity |
| **Current Rating** | Typically 0.5A to 1.5A per contact |
| **Operating Temperature** | -40°C to +105°C |
### 2. Physical & Material Properties
The build quality focuses on thermal management and mechanical stability.
* **Housing Material:** High-temperature Thermoplastic (UL 94V-0 rated).
* **Contact Material:** Phosphor Bronze or Copper Alloy.
* **Mounting Type:** Surface Mount (SMT) or Through-Hole (THT), often featuring alignment posts for precise PCB placement.
### 3. Key Electronic Functions
The M2AS1 series is designed to handle high-speed data transmission with minimal crosstalk.
1. **Signal Integrity:** Optimized impedance matching (typically 100 Ohms differential) to prevent signal reflection in high-frequency applications.
2. **EMI Shielding:** Often includes integrated grounding tabs to reduce Electromagnetic Interference (EMI) in sensitive circuits.
3. **Low Insertion Force (LIF):** Designed to prevent damage to the PCB or the mating component during assembly.
### 4. Common Applications
Due to its robust design, this part is frequently found in the following sectors:
* **Data Centers:** High-speed switch fabrics and server backplanes.
* **Industrial Automation:** Controller-to-board interfaces.
* **Telecommunications:** Base station power and data distribution.
---
- ⤷
What is the exact pin count for the M2AS1-6422-R2 variant?
- ⤷ Does this component comply with RoHS environmental standards?
- ⤷ What are the recommended footprint dimensions for PCB layout?