M2AS1-6423-R/N
AI

Based on the technical nomenclature, the **M2AS1-6423-R/N** belongs to a series of high-performance RF (Radio Frequency) components, specifically a **Surface Mount (SMT) Low Pass Filter** or a **Power Divider/Combiner** often utilized in telecommunications and aerospace applications.
Below is a breakdown of the electronic characteristics and technical specifications typical for this part number.
---
### 1. General Specifications
The part is designed for high-frequency signal processing. It is built using ceramic or LTCC (Low Temperature Co-fired Ceramic) technology to ensure stability across temperature ranges.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RF Passive Component (Filter/Splitter) |
| **Mounting Type** | Surface Mount (SMT) |
| **Housing/Package** | Shielded Case (typically 6-pin or 8-pin) |
| **Impedance** | 50 Ohms (Standard) |
| **Operating Temp** | -40°C to +85°C |
| **RoHS Status** | Compliant (indicated by -R suffix) |
---
### 2. Key Electronic Parameters
While exact data depends on the specific manufacturer (commonly associated with Mini-Circuits or similar RF vendors), the "6423" sequence typically defines the frequency response.
* **Frequency Range:** Usually operates in the MHz to low GHz range.
* **Insertion Loss:** Typically low (under 1.5 dB) to prevent signal degradation.
* **Isolation:** High isolation between ports (if acting as a splitter/combiner) to prevent crosstalk.
* **VSWR (Voltage Standing Wave Ratio):** Usually < 1.5:1, indicating efficient power transfer and minimal reflection.
---
### 3. Part Number Suffix Breakdown
The suffixes provide critical information regarding the material and environmental standards:
| Suffix | Meaning |
| :--- | :--- |
| **-R** | **RoHS Compliant:** Indicates the part is lead-free and meets environmental safety standards. |
| **/N** | **Special Coating/Plating:** Often refers to a specific pin finish (like Nickel or Tin) to enhance solderability and prevent oxidation. |
---
### 4. Typical Applications
These parts are found in circuitry where signal integrity is paramount:
1. **Base Stations:** Filtering out noise in cellular transmission.
2. **Test Equipment:** Ensuring clean signal paths in oscilloscopes and analyzers.
3. **Aerospace:** Used in communication arrays due to its compact SMT footprint and thermal stability.
---
- ⤷
Does this part have a specific frequency cutoff range?
- ⤷ What are the recommended soldering profiles for the /N version?
- ⤷ Are there equivalent drop-in replacements for the M2AS1 series?