M2AS1-6424-R2/Q
AI

The **M2AS1-6424-R2/Q** is a high-performance networking module designed for high-density data centers and cloud computing environments. It is part of the Mellanox (now NVIDIA Networking) Spectrum-2 product family.
---
### 1. Component Overview
This part is a high-density **Ethernet Switch System/Module**. It is designed to provide massive bandwidth and low latency for leaf-and-spine network architectures.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | NVIDIA (formerly Mellanox) |
| **Core Silicon** | Spectrum-2 (SN3000 Series architecture) |
| **Max Throughput** | Up to 6.4 Tb/s |
| **Form Factor** | 1U Rack Mountable |
| **Port Configuration** | Typically 64 ports of 100GbE or 24/32 ports of 200GbE |
---
### 2. Key Electronic Characteristics
The module utilizes advanced semiconductor technology to manage high-speed data packets.
* **ASIC Technology:** Built on the **Spectrum-2** silicon, which uses a 16nm process node. This allows for high port density without excessive power consumption.
* **Buffer Architecture:** Features a fully shared packet buffer. Unlike traditional switches that segment memory, this allows any port to utilize the entire buffer pool to prevent packet loss during bursts.
* **Processing Engine:** Includes an integrated hardware-based telemetry engine (**What Just Happened - WJH**) that monitors the health of the electronic signals and packet flow in real-time.
---
### 3. Physical & Interface Components
The electronic assembly consists of several sub-systems:
#### A. High-Speed SerDes
The SerDes (Serializer/Deserializer) is the heart of the I/O. It converts parallel data from the ASIC into high-speed serial signals for the optical transceivers.
* **Modulation:** Uses PAM4 (Pulse Amplitude Modulation 4-level) to achieve 50Gb/s per lane.
#### B. Power Management
The unit contains sophisticated Power Management Integrated Circuits (PMICs) to handle:
* **Redundant Power:** Support for dual hot-swappable AC/DC PSUs.
* **Voltage Regulation:** High-efficiency VRMs to step down power for the low-voltage, high-current ASIC core.
#### C. Control Plane
* **CPU:** Usually an integrated x86 or ARM-based management processor.
* **Memory:** ECC DDR4 RAM for the control plane and Flash storage for the Network Operating System (NOS) like ONIE, Cumulus Linux, or SONiC.
---
### 4. Part Number Breakdown (Typical)
While internal codes vary, the string generally identifies:
1. **M2AS:** Spectrum-2 Switch Assembly.
2. **6424:** Indicates port density (e.g., capability for 64x100G or specific configurations).
3. **R2:** Revision 2 of the hardware/PCB layout.
4. **Q:** Airflow direction (often indicating Back-to-Front or Front-to-Back cooling).
---
- ⤷What are the power consumption specifications for the Spectrum-2 ASIC?
- ⤷ Which Network Operating Systems (NOS) are compatible with this hardware?
- ⤷ What is the difference between PAM4 and NRZ modulation in these switches?