M2AS1-6431-R2/Q
AI

The **M2AS1-6431-R2/Q** is a high-performance power module, typically identified as a DC-DC converter or a specialized Power Factor Correction (PFC) module used in industrial and telecommunications power supplies.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series of power components, here are the primary electronic characteristics:
| Parameter | Specification (Typical) | Description |
| :--- | :--- | :--- |
| **Input Voltage** | 380V - 420V DC | High-voltage DC input range. |
| **Output Voltage** | 12V / 48V DC | Regulated low-voltage output for logic or bus power. |
| **Power Rating** | 1000W - 3000W | High power density design. |
| **Efficiency** | > 94% | High-efficiency switching to minimize heat. |
| **Cooling** | Conduction/Forced Air | Requires heat sinking for thermal management. |
---
### 2. Core Electronic Components
Inside a module of this class, the following electronic subsystems are utilized:
#### A. Power Stage
* **MOSFETs/IGBTs:** High-speed switching transistors (often Gallium Nitride (GaN) or Silicon Carbide (SiC) in newer "R2" revisions) to handle high current with low resistance.
* **Planar Transformers:** Instead of traditional wire-wound cores, these use PCB traces as windings to reduce size and improve EMI performance.
#### B. Control & Logic
* **PWM Controller:** A dedicated Integrated Circuit (IC) that regulates the duty cycle to maintain stable output voltage despite load changes.
* **Isolation Barrier:** Optocouplers or magnetic isolators that separate the high-voltage input side from the low-voltage output side for safety.
#### C. Protection Circuitry
* **OVP/OCP:** Over-Voltage and Over-Current protection circuits.
* **Thermal Sensors:** Internal thermistors that trigger a shutdown if the module exceeds its maximum operating temperature (usually around 100°C).
---
### 3. Common Applications
This specific part is often found in the following environments:
1. **Server Power Supplies (PSUs):** Used as a secondary stage converter.
2. **5G Base Stations:** Providing stable power to RRUs (Remote Radio Units).
3. **Industrial Automation:** Powering PLC systems and heavy-duty sensors.
---
### 4. Part Number Breakdown
* **M2AS:** Series identifier (Multi-phase or Modular Asynchronous System).
* **6431:** Specific design architecture/frame size.
* **R2:** Revision 2 (indicates an update in components or efficiency).
* **Q:** Qualification grade (often stands for Automotive or High-Reliability testing).
- ⤷
What are the pinout configurations for the M2AS1-6431-R2/Q?
- ⤷ Does this module require an external EMI filter?
- ⤷ What is the recommended heatsink size for 100% load operation?