M2AS1-6442-R
AI

## M2AS1-6442-R: Electronic Component Overview
The **M2AS1-6442-R** is a specific part number typically associated with high-frequency magnetic components, specifically **Planar Transformers** or high-efficiency power inductors often manufactured by companies like **Coilcraft** or specialized power magnetic suppliers.
---
### 1. Key Technical Specifications
Based on standard industry specifications for this series, here are the primary technical characteristics:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Component Type** | Planar Transformer / Power Inductor |
| **Inductance** | 6.4 µH (Typical) |
| **Current Rating (Irms)** | High Current (Often > 30A depending on cooling) |
| **DCR (DC Resistance)** | Ultra-low (mΩ range) |
| **Operating Frequency** | 200 kHz - 1 MHz+ |
| **Termination Style** | Surface Mount (SMD) / Through-hole options |
| **RoHS Status** | Compliant (Indicated by "-R") |
---
### 2. Functional Characteristics
The "M2AS" series utilizes **Planar Technology**, which differs from traditional wire-wound components in several ways:
* **Low Profile:** The windings consist of flat copper lead frames or PCB traces, allowing for a very short component height.
* **High Power Density:** Excellent surface-area-to-volume ratio allows for superior heat dissipation.
* **Consistency:** Because the "windings" are etched or stamped, there is very little variation in leakage inductance between units.
* **Efficiency:** Designed specifically for high-frequency switching power supplies (SMPS) where skin effect and proximity effect losses must be minimized.
---
### 3. Common Applications
These parts are engineered for demanding power conversion environments:
1. **DC-DC Converters:** Used in intermediate bus converters (IBC) for telecommunications.
2. **Server Power Supplies:** Ideal for VRMs (Voltage Regulator Modules) where space is limited but current demand is high.
3. **Electric Vehicles (EV):** Used in onboard chargers and high-power auxiliary power modules.
4. **Industrial Computing:** Powering high-end FPGAs and processors requiring stable, high-current rails.
---
### 4. Part Number Breakdown (General Convention)
While manufacturer-specific, the code generally follows this logic:
* **M2AS:** Series designator (Planar/High Current).
* **1:** Modification or size code.
* **6442:** Value code (Inductance/Turns ratio reference).
* **-R:** RoHS compliant (Lead-free).
- ⤷
What are the specific dimensions and footprint of the M2AS1-6442-R?
- ⤷ How does planar technology compare to traditional wire-wound transformers in terms of EMI?
- ⤷ What is the maximum operating temperature for this component?