M2AS1-6444-R2/Q
AI

The **M2AS1-6444-R2/Q** is a high-performance, high-density mezzanine connector, typically used in high-speed computing, telecommunications, and aerospace applications. It belongs to a class of interconnects designed to link two printed circuit boards (PCBs) in a parallel (stacking) configuration.
---
### 1. General Specifications
The part number follows a specific nomenclature used by manufacturers (often associated with high-speed interface series like SEARAY or similar high-density standards).
| Parameter | Description |
| :--- | :--- |
| **Connector Type** | Mezzanine Stacking Connector (Plug/Header) |
| **Contact Density** | High-density grid array |
| **Data Rate** | Typically rated for 10 Gbps to 28+ Gbps per lane |
| **Contact Material** | Copper Alloy with Gold over Nickel plating |
| **Housing** | High-temperature Liquid Crystal Polymer (LCP) |
---
### 2. Physical Characteristics
The "6444" portion of the code usually refers to the pin configuration or the mechanical dimensions of the grid.
* **Pin Configuration:** This connector utilizes a **Solder Charge** technology. Unlike traditional pins, these have a pre-measured amount of solder attached to each lead, ensuring reliable surface mount (SMT) attachment.
* **Pitch:** Usually a 1.27mm or 0.8mm pitch, allowing for hundreds of signals in a very small footprint.
* **Stack Height:** The "R2" suffix often denotes a specific height profile (e.g., 2mm or a specific revision code) for the board-to-board spacing.
---
### 3. Key Electronic Features
These connectors are engineered to maintain signal integrity in complex circuits:
1. **Impedance Control:** Designed to maintain a 50-ohm (single-ended) or 100-ohm (differential) impedance to minimize signal reflection.
2. **Low Crosstalk:** The internal geometry is optimized to prevent electromagnetic interference between adjacent pins.
3. **Low Insertion Force:** Despite having hundreds of pins, the mechanical design allows for mating without damaging the PCB or the solder joints.
4. **Redundancy:** High-reliability versions (denoted by the **/Q** or similar suffixes) are often tested for high vibration and thermal cycling.
---
### 4. Common Applications
Due to its high bandwidth and reliability, you will find this part in:
* **FPGA Development Boards:** Connecting core processing modules to I/O expansion boards.
* **Server Blades:** Interconnecting daughtercards to backplanes.
* **Medical Imaging:** Transferring large volumes of raw sensor data to processing units.
* **Military/Avionics:** Ruggedized high-speed data links.
---
- ⤷
What is the recommended footprint and stencil thickness for the M2AS1 series?
- ⤷ How does the 'Solder Charge' technology improve manufacturing yields?
- ⤷ What are the compatible mating connectors for the R2 variant?