M2AS1-A112-R2/CE
AI

The **M2AS1-A112-R2/CE** is a specific part number belonging to a series of industrial **Limit Switches** (often associated with brands like Moujen or similar Asian industrial component manufacturers). These are electromechanical devices used to detect the presence, position, or end-of-travel of an object.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Industrial Limit Switch / Micro Switch |
| **Actuator Type** | Roller Lever (Usually adjustable or standard) |
| **Contact Configuration** | 1NO + 1NC (1 Normally Open + 1 Normally Closed) |
| **Current Rating** | Typically 5A to 10A (depending on voltage) |
| **Voltage Rating** | 125V / 250V AC |
| **Terminal Type** | Screw Terminals |
| **Certification** | CE Marked (Compliant with EU safety standards) |
| **Housing Material** | Zinc Die-cast or High-grade Plastic (Series dependent) |
---
### 2. Breakdown of the Part Number
While specific manufacturer codes vary slightly, the nomenclature generally breaks down as follows:
* **M2AS**: The series designation (General purpose, compact limit switch).
* **1-A**: Indicates the contact block type and internal mechanism (Snap action).
* **112**: Refers to the **Actuator Head**. In this series, "112" usually denotes a **Roller Lever** (often a short or standard length arm with a plastic or metal wheel).
* **R2**: Revision code or specific mounting/cable entry orientation.
* **CE**: Confirms the part meets European Conformity standards for safety and environmental protection.
---
### 3. Electronic & Mechanical Function
The device operates on a **Snap Action** principle. When the roller lever is depressed by a moving machine part:
1. The internal spring mechanism reaches a trip point.
2. The contacts instantly flip from their resting state (NC opens, NO closes).
3. This sends an electrical signal to a PLC (Programmable Logic Controller) or a motor starter to stop or start a process.
### 4. Common Applications
* **Conveyor Belts**: Detecting the arrival of a package.
* **CNC Machinery**: Establishing the "Home" position or limit of axis travel.
* **Elevators/Lifts**: Sensing the floor level or door closure.
* **Safety Interlocks**: Ensuring a protective guard is closed before a machine starts.
---
- ⤷
What is the mechanical life expectancy (number of cycles) for the M2AS series?
- ⤷ Can this switch be used in high-temperature or waterproof environments (IP rating)?
- ⤷ What is the specific wiring diagram for the 1NO+1NC configuration?