Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-A122-R2SLASHQ

  • AI
    Based on the part number **M2AS1-A122-R2/Q**, this component belongs to the automotive and industrial relay family, typically manufactured by companies like **Zettler** or similar electromagnetic component specialists. Below is a technical breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The **M2** series usually refers to subminiature signal relays or micro-automotive relays designed for PCB mounting. | Feature | Specification | | :--- | :--- | | **Relay Type** | Electromagnetic Relay | | **Coil Voltage** | 12V DC | | **Contact Form** | 1 Form C (SPDT) or 1 Form A (SPST) | | **Mounting Type** | Through-hole PCB | | **Termination** | Solder Pins | --- ### 2. Part Number Breakdown Understanding the alphanumeric code helps identify the specific capabilities of this component: | Code | Meaning | | :--- | :--- | | **M2** | Series designation (Micro/Subminiature) | | **AS1** | Sealing type (Sealed, wash-tight construction) | | **A** | Contact Material (often Silver Alloy) | | **12** | Nominal Coil Voltage (12 Volts DC) | | **2** | Power rating/Sensitivity (indicates specific coil resistance) | | **R2** | Modification code (Internal resistor for EMI suppression) | | **Q** | Quality/Certification grade (Automotive grade) | --- ### 3. Key Electronic Components & Internal Design * **Coil Unit:** The input side consists of a copper wire coil wound around an iron core. When 12V is applied, it creates a magnetic field. * **Suppressor (R2):** The "R2" suffix indicates an **internal resistor** connected in parallel with the coil. This is used to dissipate the "back EMF" (voltage spikes) generated when the relay is turned off, protecting the driving transistor. * **Armature & Springs:** A mechanical lever system that moves when the coil is energized. * **Contacts:** High-conductivity metal points that open or close the secondary circuit. In the "/Q" variant, these are designed to handle automotive vibrations and temperature fluctuations. --- ### 4. Typical Applications This specific part is frequently found in: 1. **Automotive Modules:** Power windows, central locking, and seat adjustment. 2. **Industrial Control:** Small PLC outputs and signal switching. 3. **Security Systems:** Alarm triggers and siren controls. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the contacts of this relay?
    • ⤷ How does the internal resistor (R2) compare to using an external flyback diode?
    • ⤷ Is there a cross-reference equivalent for this part from other manufacturers like Omron or TE Connectivity?