M2AS1-A134-R2
AI

The **M2AS1-A134-R2** is a specialized power relay typically manufactured by automotive electronic component suppliers (often associated with brands like **ZETTLER** or **CHINT**). It is primarily designed for high-current switching applications in automotive environments.
---
### 1. General Specifications
The part number breakdown typically refers to its physical structure, coil voltage, and contact arrangement.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Electromechanical Power Relay |
| **Configuration** | 1 Form A (SPST-NO) - Single Pole Single Throw |
| **Nominal Coil Voltage** | 12V DC (Standard for automotive) |
| **Max Switching Current** | 30A to 40A (Depending on thermal conditions) |
| **Mounting Type** | PCB (Printed Circuit Board) Through-Hole |
| **Terminal Material** | Silver Tin Oxide (AgSnO2) for arc resistance |
---
### 2. Internal Electronic Structure
The device consists of three main electronic/mechanical sections:
1. **The Coil (Input):**
* Acts as the electromagnet. When 12V is applied, it creates a magnetic field.
* Usually features a resistance of approximately **90Ω to 160Ω**.
* Consumes roughly **0.9W to 1.6W** during operation.
2. **The Contacts (Output):**
* **Normally Open (NO):** The circuit remains broken until the coil is energized.
* Designed to handle high "Inrush" currents (e.g., when a motor starts).
3. **The Housing:**
* Plastic PBT (Polybutylene Terephthalate) or equivalent high-temp resin.
* Rated for **Sealed (IP67)** or **Flux-tight** protection to prevent contamination during soldering.
---
### 3. Key Electronic Characteristics
When integrating this part into a circuit, the following parameters are critical:
* **Pick-up Voltage:** Typically ≤ 7.2V DC (the minimum voltage required to close the switch).
* **Drop-out Voltage:** Typically ≥ 1.2V DC (the voltage at which the switch releases).
* **Dielectric Strength:** Usually 500V AC between open contacts; 500V AC between coil and contacts.
* **Contact Resistance:** Initially < 50mΩ to minimize heat loss at high currents.
---
### 4. Common Applications
Due to its high current rating and 12V coil, it is found in:
* **Automotive Power Accessories:** Power windows, central locking, and seat adjustments.
* **Lighting Control:** High-beam/Low-beam switching.
* **HVAC Systems:** Blower motor control in vehicles.
* **Industrial Automation:** Low-voltage DC motor switching.
---
### 5. Circuit Design Tip
```python
# Electronic Protection Recommendation:
# When using the M2AS1-A134-R2, always place a
# Flyback Diode (e.g., 1N4007) in parallel with the coil
# (Cathode to Positive) to prevent Inductive Voltage Spikes
# from damaging the driving Transistor/MCU.
```
- ⤷What is the exact pinout diagram for the M2AS1-A134-R2?
- ⤷ Are there equivalent drop-in replacements from Omron or TE Connectivity?
- ⤷ What is the maximum operating temperature for this relay?