Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-A142-R/CE

  • AI
    The **M2AS1-A142-R/CE** is a specialized industrial component, typically categorized as a **Magnetic Sensor** or **Magnetic Proximity Switch**, often used in pneumatic cylinders or automated assembly lines. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Type** | Magnetic Reed Switch / Solid State Sensor | | **Output Type** | PNP (Commonly) or Reed Contact | | **Operating Voltage** | 5V to 30V DC / 5V to 120V AC (Model dependent) | | **Switching Current** | 100mA Max | | **Switching Rating** | 6W - 10W Max | | **Indicator** | Red or Green LED (Status light) | ### 2. Electronic Components & Operation The device functions based on magnetic field detection. Here is how the internal electronics operate: * **Sensing Element:** Inside the casing is either a **Reed Switch** (two flexible metal reeds that close in a magnetic field) or a **Hall Effect Sensor** (a semiconductor that changes voltage output). * **Protection Circuitry:** Modern versions often include a **Varistor** or **Zener Diode** to protect against voltage spikes (transients) caused by inductive loads. * **Status Indication:** It features a surface-mount LED and a current-limiting resistor. When the magnetic field from a piston or actuator is detected, the circuit closes, and the LED illuminates. ### 3. Wiring Configuration The part typically follows a standard color-coding scheme for industrial sensors: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | VCC (+) | Positive Power Supply | | **Blue** | GND (-) | Negative Power Supply / Common | | **Black** | Output | Signal sent to PLC or Controller | ### 4. Application Environments This part is designed with a specific "R/CE" suffix, which often indicates: * **R:** Reed type or specific mounting style (e.g., Round groove). * **CE:** Compliance with European safety, health, and environmental protection requirements. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Reed and Hall Effect versions of this sensor?
    • ⤷ How do I mount the M2AS1 series to a pneumatic cylinder?
    • ⤷ What are the specific environmental ratings (IP67/IP68) for this part?