M2AS1-A142-R/Q
AI

The part number **M2AS1-A142-R/Q** typically refers to a high-frequency, surface-mount **RF/Microwave Switch** or a specific **Coaxial Switch module**, often associated with brands like Teledyne Relays or similar RF component manufacturers.
Below is a breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
This device is an electromechanical switch designed for routing high-frequency signals with minimal loss. It is widely used in automated test equipment (ATE), telecommunications, and RF signal routing.
### Key Specifications
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Switch Type** | SPDT (Single Pole Double Throw) |
| **Frequency Range** | DC to 18 GHz (varies by specific sub-series) |
| **Actuation Voltage** | 12V to 28V DC (Commonly 12V for -142 models) |
| **Impedance** | 50 Ohms |
| **Package Style** | Surface Mount (SMT) or Plug-in |
| **Coil Transient Suppression** | Included (Indicated by the "R/Q" suffix) |
---
## 2. Technical Features
### A. Actuation & Circuitry
* **Failsafe Operation:** In most "M2" series configurations, the switch is "Failsafe," meaning it returns to a known position (usually C to NC) when power is removed.
* **Transient Suppression:** The **"R"** and **"Q"** designators typically indicate the presence of internal diodes for back-EMF suppression and moisture/environmental sealing. This protects the driving circuitry from voltage spikes when the coil is de-energized.
### B. RF Performance
These parts are engineered for "signal integrity." They offer:
* **Low Insertion Loss:** Minimizes signal strength degradation.
* **High Isolation:** Prevents signal leakage between ports.
* **Low VSWR:** Ensures minimal signal reflection back to the source.
---
## 3. Part Number Decoder (Typical)
While internal codes vary by manufacturer, the string generally breaks down as follows:
| Code | Meaning |
| :--- | :--- |
| **M2** | Series designation (Surface Mount / Sub-miniature) |
| **AS** | Actuator Type (e.g., Failsafe with indicator or specific sealing) |
| **1** | RF Contact Arrangement (SPDT) |
| **A** | Internal Termination (or specialized mounting) |
| **142** | Specific Voltage/Coil Resistance code |
| **R/Q** | Reliability Level / Transient Protection (Diodes) |
---
## 4. Application Areas
1. **Wireless Infrastructure:** Switching between main and redundant antennas.
2. **Test & Measurement:** Routing signals from a Device Under Test (DUT) to various analyzers.
3. **Military/Aerospace:** Used in communication arrays due to high reliability and small footprint.
---
- ⤷
What is the exact coil voltage required for the 142 variant?
- ⤷ How does 'Failsafe' mode differ from 'Latching' mode in these switches?
- ⤷ What are the soldering precautions for SMT RF switches to avoid internal damage?