M2AS1-A143-R2
AI

The **M2AS1-A143-R2** is a specific automotive-grade relay, typically manufactured by **Song Chuan**. It is widely used in vehicle power management systems due to its high switching capacity and compact Micro ISO footprint.
---
### 1. Technical Specifications
Below are the primary electronic characteristics of the M2AS1-A143-R2:
| Parameter | Specification |
| :--- | :--- |
| **Relay Type** | Micro ISO Automotive Relay |
| **Contact Form** | SPST (Single Pole Single Throw) - Normally Open (1 Form A) |
| **Coil Voltage** | 12V DC |
| **Switching Current** | 35A (Continuous) |
| **Contact Material** | Silver Tin Oxide (AgSnO) |
| **Suppression** | Resistor (Indicated by the "R" in the suffix) |
| **Terminal Type** | Plug-in / PC Board |
---
### 2. Key Component Features
#### A. Internal Resistor (Suppression)
The "R2" suffix in the part number indicates that a **resistor** is wired in parallel with the coil.
* **Purpose:** When the relay coil is de-energized, the collapsing magnetic field creates a high-voltage spike (back-EMF).
* **Benefit:** The resistor suppresses this spike, protecting sensitive upstream electronic control units (ECUs) or transistors from damage.
#### B. Contact Material (AgSnO)
The use of **Silver Tin Oxide** contacts is standard for high-performance automotive relays.
* It offers excellent resistance to "welding" (contacts sticking together) during high-current inrush.
* It handles inductive loads (motors, solenoids) better than standard silver contacts.
#### C. Micro ISO Standard
The "M2" designation refers to the physical size. This is a **Micro** relay, which is smaller than the standard "Mini" ISO relays, allowing for higher density in fuse boxes and power distribution modules.
---
### 3. Pin Configuration (Internal View)
Most M2AS series relays follow the standard 4-pin Micro ISO layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **85** | Coil Ground | Connection to ground (or control side). |
| **86** | Coil Positive | 12V input to activate the relay. |
| **30** | Common / Input | High current source input. |
| **87** | Normally Open | Output to the load (active when energized). |
---
### 4. Typical Applications
* **Engine Cooling Fans:** High-current switching for thermal management.
* **Fuel Pumps:** Reliable power delivery for fuel injection systems.
* **ABS Systems:** Providing power to anti-lock braking modules.
* **Lighting:** Controlling high-beam/low-beam headlights.
- ⤷
What is the resistance value of the internal suppression resistor in this model?
- ⤷ Can this relay be used in 24V automotive systems?
- ⤷ What are the main differences between the '1 Form A' and '1 Form C' versions of this relay?