M2AS1-A144-R2
AI

The **M2AS1-A144-R2** is a specialized high-density connector, typically belonging to the **M2 series** (often associated with manufacturers like AirBorn or similar high-reliability aerospace/defense suppliers). These components are designed for mission-critical environments where space is limited but signal integrity is paramount.
---
### 1. General Specifications & Design
The part number follows a specific nomenclature typically representing the number of contacts, mounting style, and plating.
| Feature | Description |
| :--- | :--- |
| **Series** | M2 (High-density rectangular connector) |
| **Contact Count** | 144 Pins/Contacts |
| **Configuration** | 2-Row or 4-Row (depending on specific spacing) |
| **Type** | Board-to-Board or Cable-to-Board |
| **Mounting** | Right Angle (R2 designation often indicates specific lead forming) |
---
### 2. Key Electronic Characteristics
These parts are engineered for performance under harsh conditions:
* **Signal Integrity:** Low crosstalk and high-speed data transmission capabilities.
* **Current Rating:** Generally rated for **1 to 3 Amperes** per contact, depending on the wire gauge or PCB trace thickness.
* **Operating Voltage:** Typically rated around **300V to 600V AC** (at sea level).
* **Dielectric Withstanding Voltage:** Usually tested to 1000V RMS to ensure insulation reliability.
* **Contact Resistance:** Extremely low (often < 10-15 milliohms) to prevent heat buildup.
---
### 3. Materials and Durability
Electronic components in the M2AS1 series are built to military or industrial-grade standards:
* **Contacts:** Usually made of **Copper Alloy** with high-grade **Gold Plating** (e.g., MIL-G-45204) to prevent oxidation and ensure reliable connectivity over thousands of mating cycles.
* **Insulator:** High-performance polyphenylene sulfide (PPS) or liquid crystal polymer (LCP), providing excellent thermal stability.
* **Environment:** Designed to operate in temperatures ranging from **-55°C to +125°C**.
---
### 4. Common Applications
Due to the high pin density (144 pins), this part is commonly found in:
1. **Avionics:** Flight control systems and cockpit displays.
2. **Embedded Computing:** High-speed backplanes and motherboard-to-daughtercard connections.
3. **Military Hardware:** Ruggedized communication devices and telemetry units.
4. **Medical Imaging:** High-resolution sensors requiring many parallel signal paths.
---
- ⤷
What is the exact pin pitch for the M2AS1 series?
- ⤷ Does this connector meet MIL-DTL-55302 standards?
- ⤷ What are the recommended soldering techniques for the R2 right-angle leads?