Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-A211-R

  • AI
    ### M2AS1-A211-R: Technical Overview The **M2AS1-A211-R** belongs to a specific series of industrial-grade limit switches or sensor actuators (often associated with brands like **Honeywell** or **Omron**, depending on the exact catalog prefix). These components are designed for high-reliability switching in automation and safety circuits. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Limit Switch / Actuator | | **Contact Configuration** | 1NO / 1NC (Normally Open / Normally Closed) | | **Current Rating** | Typically 5A to 10A (AC/DC dependent) | | **Actuator Type** | Roller Lever (Standard) | | **Housing Material** | Die-cast Aluminum / Zinc Alloy | | **Ingress Protection** | IP65 / IP67 (Dust tight and Water resistant) | | **Terminal Type** | Screw Terminal | --- ### 2. Electronic & Internal Components The internal mechanism of the M2AS1-A211-R consists of several critical parts that ensure electrical continuity and physical durability: * **Contacts:** Usually made of silver-alloy to minimize electrical resistance and prevent oxidation over long-term use. * **Snap-action Mechanism:** A spring-loaded internal switch that ensures the contacts move quickly regardless of the speed of the physical actuator. This prevents "arcing" (sparks) that can damage the switch. * **Terminal Block:** A ruggedized interface where external wiring is connected. These are often labeled **COM** (Common), **NO** (Normally Open), and **NC** (Normally Closed). * **Sealant/Gaskets:** Internal rubberized seals that protect the electronic contacts from oil, coolant, and debris found in industrial environments. --- ### 3. Application Diagram (Basic Circuit) Below is a simple representation of how the M2AS1-A211-R is integrated into a control circuit: ```mermaid graph LR Power[24V DC / 120V AC] --> COM[Common Terminal] COM -- Actuator Not Pressed --> NC[Normally Closed -> Load Off] COM -- Actuator Pressed --> NO[Normally Open -> Load On] ``` --- ### 4. Key Features for Installation 1. **Mounting:** Standardized hole spacing for industrial enclosures. 2. **Rotation:** The head can usually be rotated in 90-degree increments to accommodate different directions of approach for the mechanical trigger. 3. **Durability:** Rated for millions of mechanical cycles.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the M2AS1-A211-R in a DC circuit?
    • ⤷ Does this model support hazardous location (Ex-proof) certifications?
    • ⤷ Can the roller lever be adjusted for different lengths or angles?