M2AS1-A211-R/CE
AI

The **M2AS1-A211-R/CE** is a specific industrial-grade control component, typically identified as a **Selector Switch** or a **Control Switch** from the M2AS series (often associated with brands like Tend or similar industrial automation manufacturers).
Below is a breakdown of its electronic and mechanical specifications.
---
### 1. Part Number Breakdown
While naming conventions vary slightly by manufacturer, here is the typical functional mapping for this part number:
| Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M2AS** | Series | 22mm Diameter Industrial Control Series |
| **1** | Type | Standard Lever/Short Handle Selector |
| **A** | Operation | Maintained (Stay-put) position |
| **2** | Positions | 2-Position switch (90° throw) |
| **11** | Contact Block | 1 NO (Normally Open) + 1 NC (Normally Closed) |
| **R/CE** | Color/Cert | Red Handle / CE Certified (European Standards) |
---
### 2. Electrical Specifications
These components are designed for pilot duty in control circuits rather than powering heavy loads directly.
* **Rated Insulation Voltage (Ui):** Typically 600V.
* **Thermal Current (Ith):** 10A.
* **Contact Resistance:** $\le$ 50m$\Omega$.
* **Electrical Life:** 500,000 operations (minimum).
* **Standard Ratings:**
* **AC-15:** 240V / 3A
* **DC-13:** 125V / 0.55A
---
### 3. Physical & Environmental Features
* **Mounting Diameter:** 22mm (standard industrial cutout).
* **Protection Rating:** IP65 (Dust-tight and protected against water jets).
* **Operating Temperature:** -25°C to +70°C.
* **Contact Blocks:** Modular design; the "11" designation implies one NO and one NC block are pre-attached to the actuator base.
---
### 4. Connection Diagram Example
The switch operates by rotating the lever to bridge or break the internal contacts.
```text
Position Left (0°):
- NC Contact: Closed (Current flows)
- NO Contact: Open (No flow)
Position Right (90°):
- NC Contact: Open (No flow)
- NO Contact: Closed (Current flows)
```
---
### 5. Application Areas
This specific part is used in:
* **Power Distribution:** Switching between manual and automatic modes.
* **Safety Circuits:** As a selector for machine states.
* **Control Panels:** Integrated into PLC (Programmable Logic Controller) inputs to trigger specific logic rungs.
- ⤷
What is the difference between 'Maintained' and 'Spring Return' for this model?
- ⤷ Can I add more contact blocks to the M2AS1 series?
- ⤷ What is the wiring difference between the NO and NC terminals?