M2AS1-A211-R/Q
AI

The **M2AS1-A211-R/Q** is a specific model within the **M2 series** of industrial limit switches, typically manufactured by companies like **Moujen Electric**. These devices are used to convert mechanical motion into an electrical control signal.
---
## 1. Technical Specifications
The part number can be broken down into specific electronic and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Actuator Type** | Small Side Rotary (Adjustable Roller Lever) |
| **Contact Configuration** | 1 NO (Normally Open) + 1 NC (Normally Closed) |
| **Contact Material** | Silver Alloy (typically) |
| **Switching Speed** | 0.5mm to 0.5m/sec |
| **Mechanical Life** | Up to 10,000,000 operations |
| **Electrical Life** | Up to 300,000 operations |
| **Protection Rating** | IP65 (Dust-tight and protected against water jets) |
---
## 2. Electronic Components and Construction
### Contact Block (The "Heart")
The internal electronics consist of a **Double Break mechanism**. Unlike standard switches, it utilizes two sets of contacts to interrupt the circuit, which improves heat dissipation and extends the electrical life of the component.
### Electrical Ratings
These switches are designed for industrial control circuits (Pilot Duty):
* **AC Rating:** Usually up to 250V AC / 5A.
* **DC Rating:** Usually up to 125V DC / 0.4A.
### Terminal Structure
The unit features four screw terminals:
1. **Terminals 1 & 2:** NC (Normally Closed) circuit.
2. **Terminals 3 & 4:** NO (Normally Open) circuit.
This allows for "Galvanic Isolation," meaning you can control two separate circuits (e.g., turning off a motor while simultaneously turning on a warning light).
---
## 3. Physical & Material Properties
* **Housing:** Die-cast aluminum alloy or high-temperature plastic, providing electromagnetic shielding and physical durability.
* **Sealant:** Synthetic rubber gaskets at the head and cover to prevent oil and dust from reaching the electronic contacts.
* **R/Q Suffix:** Generally refers to specific packaging or compliance standards (such as RoHS compliance or specific connector types).
---
## 4. Application Logic
The **M2AS1-A211-R/Q** is electronically integrated into systems for:
* **Position Detection:** Sensing when a machine arm has reached its limit.
* **Safety Interlocks:** Ensuring a guard door is closed before a circuit can be energized.
* **Object Counting:** Sending a pulse to a PLC (Programmable Logic Controller) every time the lever is depressed.
- ⤷
What is the wiring diagram for a 1NO/1NC limit switch?
- ⤷ How does the 'Double Break' mechanism improve electrical reliability?
- ⤷ Can this switch be used in high-temperature environments?