M2AS1-A221-R2/Q
AI

Based on the part number provided, this appears to be a specific configuration of a **Pressure Switch/Sensor** or a **Pushbutton Switch** (often associated with industrial automation brands like Altech or similar manufacturers).
Below is a detailed breakdown of the electronic and mechanical specifications typical for this series.
---
### 1. General Specifications
The **M2AS1-A221-R2/Q** is designed for industrial control panels. It typically falls under the category of a 22mm pilot device.
| Feature | Specification |
| :--- | :--- |
| **Mounting Diameter** | 22.5 mm |
| **Operator Type** | Momentary or Maintained (Model specific) |
| **Contact Configuration** | 1NO + 1NC (Commonly) |
| **Illumination** | LED / Non-illuminated (Model specific) |
| **Protection Rating** | IP65 / NEMA 4X (Water/Dust resistant) |
---
### 2. Electronic Component Breakdown
#### A. Contact Blocks
These are the electronic switching elements attached to the back of the actuator.
* **A221 Designation:** Usually refers to the contact arrangement. In many industrial schemas, this signifies a specific combination of **Normally Open (NO)** and **Normally Closed (NC)** circuits.
* **Voltage/Current Rating:** Typically rated for 10A at 120V AC or 6A at 240V AC.
#### B. Terminal Design
* **Screw Terminals:** The "R2" or "Q" suffix often denotes the wiring method.
* **Q-type:** Often refers to "Quick Connect" or "Faston" terminals (6.3mm or 4.8mm tabs).
* **R-type:** Can denote a specific contact block material (e.g., silver-plated) or a specific wiring orientation (Rear-entry).
#### C. Electrical Durability
* **Mechanical Life:** ~1,000,000 cycles.
* **Electrical Life:** ~500,000 cycles at full load.
* **Insulation Resistance:** >100 MΩ at 500V DC.
---
### 3. Application Examples
Industrial electronics use these parts for the following functions:
1. **Motor Control:** Acting as a "Start" or "Stop" signal for magnetic contactors.
2. **Logic Inputs:** Sending signals to a PLC (Programmable Logic Controller) digital input module.
3. **Safety Interlocks:** Breaking a circuit when a physical guard is moved.
---
### 4. Technical Drawing Representation
```mermaid
graph LR
A[Actuator/Button] --> B{Contact Block}
B --> C[Terminal 1: NO]
B --> D[Terminal 2: NC]
C --> E[PLC Input / Relay Coil]
```
- ⤷What is the specific manufacturer for this part number?
- ⤷ Can you provide the wiring diagram for the 1NO+1NC configuration?
- ⤷ What are the environmental temperature limits for this switch?