AI

Based on the product code **M2AS1-A222-R2/N**, this device is a high-performance **Industrial AC Servo Motor**, typically manufactured by brands like **Delta Electronics** (ASDA-A2 Series) or similar industrial motion control specialists.
Below is a breakdown of the electronic components and technical specifications associated with this part.
---
### 1. Technical Specification Table
| Attribute | Specification Details |
| :--- | :--- |
| **Product Series** | ASDA-A2 Series (High Performance) |
| **Rated Output Power** | 2.0 kW (2000 Watts) |
| **Input Voltage** | 3-Phase AC 220V |
| **Motor Type** | Brushless AC Synchronous Servo |
| **Encoder Resolution** | 20-bit (1,280,000 pulses/rev) |
| **Rated Speed** | 2000 RPM |
| **Max Speed** | 3000 RPM |
| **Keyway/Oil Seal** | Included (Standard industrial fit) |
---
### 2. Key Electronic Parts and Functions
#### A. High-Resolution Encoder (20-bit)
The most critical electronic sub-assembly is the optical or magnetic encoder at the rear of the motor.
- **Function:** It provides real-time feedback to the Servo Drive.
- **Precision:** With 20-bit resolution, it ensures extremely smooth motion at low speeds and highly accurate positioning, which is vital for CNC and robotic applications.
#### B. Permanent Magnet Rotor
The internal rotor uses high-coercivity rare-earth magnets (usually Neodymium).
- **Function:** These magnets allow for a high torque-to-inertia ratio, enabling the motor to accelerate and decelerate rapidly.
#### C. Stator Windings (3-Phase)
The stator contains copper windings arranged in a 3-phase configuration.
- **Function:** When the Servo Drive applies PWM (Pulse Width Modulation) current, it creates a rotating magnetic field that drives the rotor.
#### D. Thermal Sensors
Integrated into the windings are NTC or PTC thermistors.
- **Function:** These sensors monitor the internal temperature to prevent electronic failure or insulation breakdown due to overheating.
---
### 3. Connection Interface
| Connector Type | Purpose | Electronic Pinout |
| :--- | :--- | :--- |
| **Power Connector** | U, V, W, Ground | Delivers the high-voltage 3-phase power. |
| **Encoder Connector** | Signal (A, B, Z, etc.) | Transmits position data and power for the encoder logic. |
| **Brake (Optional)** | 24V DC | Only present if the model includes an electromagnetic holding brake. |
---
### 4. Common Application Use-Cases
* **CNC Machinery:** High-speed milling and precision positioning.
* **Packaging Machines:** Synchronization of belt speeds and cutting blades.
* **Robotic Arms:** Joint actuation requiring high torque and fast response times.
---
- ⤷
What are the compatible servo drives for the M2AS1-A222-R2/N motor?
- ⤷ How do I wire the 20-bit encoder to a standard PLC?
- ⤷ What is the difference between the R2 and R1 revisions of this motor?