M2AS1-A223-R2
AI

The **M2AS1-A223-R2** is a specific part number typically associated with high-performance networking hardware components, specifically an **NVIDIA/Mellanox LinkX 200Gb/s QSFP56 to 2x 100Gb/s QSFP56 Active Copper Splitter Cable**.
Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Data Rate** | 200Gb/s (Split into 2x 100Gb/s) |
| **Connector Type A** | QSFP56 (Quad Small Form-factor Pluggable 56) |
| **Connector Type B** | 2x QSFP56 (Operating at 100Gb/s each) |
| **Cable Type** | Active Copper Cable (ACC) |
| **Modulation** | PAM4 (Pulse Amplitude Modulation 4-level) |
| **Length** | Typically 2 Meters (indicated by the '2' in the suffix) |
---
### 2. Internal Electronic Parts Breakdown
Unlike Passive Direct Attach Copper (DAC) cables, the "Active" nature of the **M2AS1-A223-R2** means it contains several integrated circuits (ICs) inside the connector shells to maintain signal integrity.
#### A. Linear Equalizer (Redriver)
Since this is an **Active Copper Cable (ACC)**, it contains a low-power linear equalizer.
* **Function:** It compensates for the high-frequency attenuation caused by the copper wire.
* **Benefit:** Allows the cable to be thinner and longer than a passive equivalent while maintaining a low Bit Error Rate (BER).
#### B. EEPROM Chips
Each connector head contains an EEPROM (Electrically Erasable Programmable Read-Only Memory).
* **Data Stored:** Manufacturer ID, part number (M2AS1-A223-R2), serial number, and supported protocols.
* **Interface:** Accessed via the **I2C serial interface** by the host switch or network card to identify the cable.
#### C. Management Interface
The electronics support the **SFF-8636** management interface. This allows the host system to monitor:
* Supply voltage.
* Case temperature.
* Control functions like "Low Power Mode" and "Reset."
#### D. PAM4 Logic
The cable is designed for **PAM4 modulation**. The internal circuitry ensures that the four voltage levels used to transmit data are preserved across the copper medium, which is significantly more complex than the older NRZ (Non-Return to Zero) binary signaling.
---
### 3. Physical Architecture (The "Splitter")
* **The "Y" Configuration:** The M2AS1-A223-R2 acts as a breakout cable. The electronics manage the transition from a single 4-lane 200G port into two separate 2-lane 100G ports.
* **Shielding:** High-quality twinaxial (Twinax) copper wiring is used, shielded to prevent Electromagnetic Interference (EMI) between the high-speed lanes.
---
### 4. Applications
This part is primarily used in data centers for:
1. **Switch-to-Server:** Connecting a 200GbE switch port to two 100GbE Network Interface Cards (NICs).
2. **Storage Clusters:** High-speed NVMe-over-Fabrics (NVMe-oF) connectivity.
3. **AI/HPC:** InfiniBand or Ethernet interconnects for HDR (High Data Rate) deployments.
- ⤷
What is the difference between an Active Copper Cable (ACC) and a Passive Direct Attach Copper (DAC) cable?
- ⤷ Does this cable support both InfiniBand and Ethernet protocols?
- ⤷ What are the power consumption requirements for the active electronics in this cable?