M2AS1-A224-R2
AI

The **M2AS1-A224-R2** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by brands like **CHINT** or other industrial automation component suppliers. This component is used to control a high-voltage or high-current circuit using a low-power signal.
---
### 1. Technical Specifications
The model name typically follows a standardized nomenclature. Here is the breakdown of the electronic specifications:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Relay Type** | Intermediate / Electromagnetic | Uses a coil to mechanically move contacts. |
| **Coil Voltage** | 24V AC | The power required to energize the relay. |
| **Contact Form** | 2C (2PDT) | Two sets of Change-over (Double Pole Double Throw) contacts. |
| **Current Rating** | 5A to 10A | Maximum current the contacts can switch (model dependent). |
| **Mounting** | Plug-in / PCB | Usually used with a DIN-rail socket (e.g., RT624). |
| **Indicator** | LED / Mechanical | Often includes a status LED to show if the coil is active. |
---
### 2. Internal Electronic Structure
The device consists of several key electronic and mechanical subsystems:
1. **The Coil (Actuator):** A copper wire winding around an iron core. When 24V AC is applied, it creates a magnetic field.
2. **The Armature:** A moving metallic piece attracted by the coil's magnetism.
3. **Spring Mechanism:** Returns the armature to the "Normally Closed" position when power is removed.
4. **Contacts (Switching Element):** Made of silver alloy (often AgNi or AgSnO2) to resist electrical arcing and oxidation.
5. **Protection Diode/Varistor:** Some versions include internal surge suppression to protect the driving circuit from "back EMF" (flyback voltage).
---
### 3. Pinout and Connection
Since it is a **2C (DPDT)** relay, it typically features 8 pins:
* **Pins 13 & 14:** Coil connections (24V AC).
* **Pins 9 & 12:** Common (COM) terminals.
* **Pins 1 & 4:** Normally Closed (NC) terminals.
* **Pins 5 & 8:** Normally Open (NO) terminals.
---
### 4. Applications
The M2AS1-A224-R2 is commonly found in:
* **PLC Outputs:** To isolate sensitive PLC electronics from heavy industrial loads.
* **Control Panels:** For logic interlocking and signal multiplication.
* **HVAC Systems:** Controlling fans, dampers, or small motors.
- ⤷
What is the difference between the AC and DC versions of this relay?
- ⤷ Which specific socket base is compatible with the M2AS1 series?
- ⤷ How do I test if the relay coil has failed using a multimeter?