Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-A234-R2/N

  • AI
    The **M2AS1-A234-R2/N** refers to a specific configuration of a high-performance **Embedded Computing Module** or **System on Module (SoM)**, typically based on the NVIDIA Jetson Orin architecture. These modules are designed for AI at the edge, robotics, and high-speed data processing. Below is a breakdown of the electronic components and technical specifications associated with this part. --- ### 1. Core Architecture & Processing Unit The heart of this module is the **NVIDIA Jetson Orin AGX** or **Orin NX** series processor (depending on the specific carrier board integration). | Component | Description | | :--- | :--- | | **GPU** | NVIDIA Ampere architecture with hundreds of CUDA cores and dedicated Tensor Cores for AI/DL. | | **CPU** | Arm® Cortex®-A78AE v8.2 64-bit CPU (Multi-core configuration). | | **AI Performance** | Capable of delivering between 20 to 200+ TOPS (Tera Operations Per Second). | | **DL Accelerator** | Dual NVDLA engines for efficient deep learning inference. | ### 2. Memory and Storage The "A234" and "R2" segments of the part number often denote specific memory densities and revisions. * **RAM:** Typically 16GB or 32GB of LPDDR5 (High bandwidth, low power). * **Storage (eMMC):** Integrated high-speed flash storage (usually 32GB or 64GB) for the OS and critical applications. * **External Storage Support:** Includes interfaces for NVMe M.2 SSDs via PCIe lanes. ### 3. Connectivity and I/O Interfaces The module utilizes high-density connectors (often Samtec or specialized board-to-board headers) to interface with a carrier board. | Interface Type | Quantity/Standard | | :--- | :--- | | **PCIe** | Gen 4.0 support for high-speed peripherals and networking. | | **Ethernet** | Support for 1GbE or 10GbE controllers. | | **USB** | USB 3.2 Gen 2 (10Gbps) and USB 2.0 headers. | | **Video Out** | DisplayPort 1.4a / HDMI 2.1 support. | | **MIPI CSI** | Multi-lane camera serial interfaces for high-resolution imaging. | ### 4. Power Management and Physicals * **Power Input:** Usually wide-range DC input (9V to 20V) managed by an onboard PMIC (Power Management Integrated Circuit). * **Thermal Design:** Includes a thermal transfer plate or integrated heat sink (denoted by the "R" or "N" suffixes in some manufacturer schemes) to manage the TDP (Thermal Design Power) which can range from 15W to 60W depending on the power mode. --- ### Key Applications 1. **Autonomous Mobile Robots (AMR):** Real-time path planning and obstacle avoidance. 2. **Edge AI Gateways:** Localized video analytics and sensor fusion. 3. **Medical Imaging:** High-speed image reconstruction and AI-assisted diagnostics. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact memory capacity of the A234 variant?
    • ⤷ Which carrier boards are compatible with the M2AS1 series?
    • ⤷ What are the specific power consumption ratings for this module?