Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-A242-R

  • AI
    The **M2AS1-A242-R** is a specific model of an **Electromechanical Power Relay**, typically manufactured by brands like **CIT Relay & Switch**. It is designed for high-current applications, common in automotive and industrial control systems. --- ### 1. Technical Specifications Breakdown The part number provides specific data regarding its construction and performance: | Feature | Specification | | :--- | :--- | | **Relay Type** | Power Relay (Electromechanical) | | **Coil Voltage** | 24V DC | | **Contact Form** | SPDT (1 Form C) - Single Pole Double Throw | | **Current Rating** | Up to 30A / 40A (depending on load type) | | **Mounting Style** | PCB Mount (Through-hole) | | **Contact Material** | AgSnO₂ (Silver Tin Oxide) for arc resistance | --- ### 2. Core Electronic Components The device consists of four primary internal parts that work together to switch electrical loads: #### A. The Electromagnetic Coil * **Function:** Converts 24V DC electrical energy into a magnetic field. * **A24:** This designator indicates the coil is rated for 24 Volts. When current flows through this copper winding, it pulls the internal armature toward the core. #### B. The Contacts (SPDT Configuration) * **1 Form C:** This means the relay has one "Common" terminal, one "Normally Closed" (NC) terminal, and one "Normally Open" (NO) terminal. * **Switching Capacity:** It is built to handle high "Inrush" currents, making it suitable for motors or heavy lighting. #### C. The Armature & Spring Mechanism * The **Armature** is a moving lever triggered by the magnetic field. * The **Spring** ensures that when power is removed from the coil, the contacts return to their default (Normal) state immediately. #### D. The Protective Housing (Dust Cover) * The **"R"** suffix often denotes a specific sealing or environmental rating. * It is usually encased in a heat-resistant plastic shell to protect the internal silver contacts from oxidation and dust. --- ### 3. Common Applications Due to its 24V coil and high current capacity, this part is frequently found in: 1. **Heavy Machinery:** Controlling 24V systems in construction or agricultural equipment. 2. **HVAC Systems:** Switching fans, compressors, or heaters. 3. **Industrial Automation:** Interfacing low-power PLCs with high-power actuators. ---
    ✨ Follow-up Questions
    • ⤷ What is the pin layout for the M2AS1 series on a PCB?
    • ⤷ Can this relay be used with a 12V DC power supply?
    • ⤷ What are the equivalents or substitutes for the M2AS1-A242-R?