M2AS1-A243-R/CE
AI

The **M2AS1-A243-R/CE** is a specialized industrial component, typically classified as an **Illuminated Selector Switch** or a **Command/Control Switch**, often associated with brands like **Tend** or similar industrial automation manufacturers.
Below is a breakdown of its electronic and mechanical parts.
---
### 1. Technical Specifications
This part is designed for control panels and human-machine interface (HMI) applications.
| Feature | Specification |
| :--- | :--- |
| **Type** | 2-Position / 3-Position Selector Switch |
| **Illumination** | LED Integrated |
| **Voltage (LED)** | 24V AC/DC (standard for '24' suffix) |
| **Mounting Diameter** | 22mm (Standard industrial size) |
| **Contact Block** | 1NO (Normally Open) + 1NC (Normally Closed) or 2NO |
| **Reset Method** | Maintained (R) or Spring Return |
---
### 2. Core Electronic Components
#### A. The Contact Block
This is the "switching" element. When the knob is turned, internal cams press against these blocks to open or close an electrical circuit.
* **Contacts:** Usually made of silver alloy for high conductivity and arc resistance.
* **Rating:** Typically rated for 6A at 250VAC or 10A at 120VAC.
#### B. The LED Module (Illumination)
The "A24" in the part number signifies the lighting component.
* **Light Source:** High-brightness LED.
* **Circuitry:** Includes a built-in current-limiting resistor to allow the LED to operate directly at 24V without burning out.
* **Color:** Indicated by the suffix (e.g., R = Red).
#### C. Terminals
* **Screw Terminals:** Used to secure wiring. They often feature "finger-safe" plastic covers to prevent accidental shocks.
* **Wiring:** Accepts standard 14-22 AWG industrial wire.
---
### 3. Mechanical Construction
* **The Actuator:** The "knob" or "handle" part that the operator turns.
* **Bezel:** Usually made of chrome-plated plastic or aluminum to provide durability and a professional finish on the panel.
* **Sealing (IP Rating):** Often rated **IP65**, meaning it is dust-tight and protected against water jets, making the internal electronics safe in harsh environments.
---
### 4. Part Number Decoder (Typical)
While naming conventions vary slightly by brand, here is the logic for this specific model:
| Segment | Meaning |
| :--- | :--- |
| **M2AS1** | Series designation (22mm Selector Switch) |
| **A24** | 24V AC/DC Power supply for the lamp |
| **3** | Function code (often refers to 3 positions or specific contact arrangement) |
| **R** | Color (Red) |
| **CE** | Compliance marking (Conformité Européenne) |
- ⤷
What is the specific contact configuration (NO/NC) for the '3' model?
- ⤷ Does this switch support 110V or 220V applications with a different LED module?
- ⤷ What is the mechanical lifespan (number of cycles) for this switch?