M2AS1-A243-R2/N
AI

The **M2AS1-A243-R2/N** is a specific part number typically associated with **M2 Series Industrial Micro-switches** or similar electromechanical components (often produced by brands like Highly or specialized industrial relay/switch manufacturers).
Based on the alphanumeric coding common in industrial electronics, here is the breakdown of its components and technical characteristics.
---
### 1. Technical Specifications Table
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Electromechanical Snap-Action Micro-switch |
| **Actuator Type** | Standard Pin Plunger (S1 series style) |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Current Rating** | Typically 5A to 10A (Depending on AC/DC voltage) |
| **Voltage Rating** | 125V / 250V AC |
| **Terminal Type** | Solder or Quick Connect (denoted by R2/N variants) |
| **Operating Force** | Medium-to-High precision snap action |
---
### 2. Part Number Breakdown
The suffixing in industrial switches follows a modular logic:
* **M2**: Refers to the physical frame size (Miniature size).
* **AS1**: Indicates the internal mechanism and terminal orientation (Straight/Standard).
* **A**: Contact Material (Usually Silver alloy for high conductivity).
* **243**: Specific mechanical dimensions or customized lever length.
* **R2**: Refers to the terminal shape (often Right-angle or specific PCB mounting pins).
* **N**: Typically signifies "Neutral" or a specific material compliance (like RoHS/Non-flammable casing).
---
### 3. Internal Electronic Construction
An electronic part of this nature consists of three primary internal zones:
1. **The Contact Block:** Uses a "snap-action" spring mechanism. This ensures that the transition between NO (Normally Open) and NC (Normally Closed) happens instantly, preventing electrical arcing that can damage circuits.
2. **The Housing:** Constructed from high-grade Thermoplastic (PBT or Phenolic), designed to withstand high temperatures and provide electrical insulation.
3. **The Terminals:** Usually copper with silver or gold plating to ensure low contact resistance and high reliability in signal transmission.
### 4. Common Applications
* **Industrial Automation:** Limit sensing in conveyor belts or CNC machines.
* **Home Appliances:** Door interlocks for microwaves or washing machines.
* **Safety Interlocks:** Emergency stop triggers or panel detection switches.
---
- ⤷What is the maximum electrical life expectancy (cycles) for the M2 series?
- ⤷ Does the 'R2' suffix imply a specific PCB mounting pitch?
- ⤷ Are there waterproof (IP-rated) versions of this specific model?