M2AS1-A313-R2/Q
AI

The **M2AS1-A313-R2/Q** is a specialized electronic component, typically categorized as a **Magnetic Speed Sensor** or **Hall Effect Sensor**, often utilized in industrial automation and automotive applications for non-contact detection.
### 1. Technical Specifications Overview
This component is designed to detect the presence or movement of magnetic fields, translating physical rotation or position into electrical signals.
| Feature | Description |
| :--- | :--- |
| **Technology** | Hall Effect / Magnetic Induction |
| **Output Type** | Digital (Open Collector or Push-Pull) |
| **Housing Material** | Aluminum or Stainless Steel (Typical for R2/Q series) |
| **Operating Voltage** | Usually 5V to 24V DC |
| **Connection Type** | Radial or Axial Lead / Connector |
| **Mounting** | Threaded Barrel (M12 or similar) |
---
### 2. Key Electronic Characteristics
The part number breakdown (A313-R2/Q) usually indicates specific electronic configurations:
* **A313 (Sensor Element):** Refers to the internal IC sensitivity. This specific range is often optimized for high-speed switching with minimal jitter.
* **R2 (Resistance/Termination):** Likely indicates a specific internal pull-up resistor value or a 2-wire configuration for current-loop sensing.
* **Q (Qualification/Connector):** The "Q" suffix often denotes a **Quick-Disconnect** connector (such as an M12 4-pin) rather than a hardwired cable.
---
### 3. Circuit Integration
When integrating this part into a system, the following electronic considerations apply:
1. **Supply Voltage ($V_{cc}$):** Must be regulated to prevent noise interference.
2. **Load Resistor ($R_L$):** If the output is "Open Collector," an external pull-up resistor is required between the output pin and $V_{cc}$ to define the "High" logic state.
3. **Signal Conditioning:** In high-EMI (Electromagnetic Interference) environments, a decoupling capacitor (0.1µF) is recommended across the power pins.
```cpp
// Example: Basic Arduino logic to read a Hall Effect Sensor
int sensorPin = 2; // Connected to the Sensor Output
int val = 0;
void setup() {
pinMode(sensorPin, INPUT_PULLUP); // Use internal pull-up if sensor is Open Collector
Serial.begin(9600);
}
void loop() {
val = digitalRead(sensorPin);
if (val == LOW) {
// Magnetic field detected
Serial.println("Target Detected");
}
}
```
---
### 4. Common Applications
* **Tachometers:** Measuring the RPM of gear teeth or rotating shafts.
* **Position Sensing:** Detecting the "Home" position of pneumatic cylinders.
* **Flow Meters:** Counting the rotations of an internal turbine.
- ⤷What is the specific pinout for the M12 connector on this model?
- ⤷ What is the maximum switching frequency (Hz) for the A313 variant?
- ⤷ Does this sensor require a specific magnetic pole (North/South) for activation?