M2AS1-A314-R2
AI

The **M2AS1-A314-R2** is a specialized high-speed connector component, commonly utilized in automotive and telecommunications hardware. It belongs to a series of mezzanine or board-to-board connectors designed for high-density signal transmission.
---
### 1. Technical Specifications Overview
The electronic characteristics of this part are defined by its ability to handle high data rates while maintaining signal integrity in compact environments.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Mezzanine Board-to-Board Connector |
| **Pin Count** | High-density (Variable by sub-series, often 100+ pins) |
| **Pitch** | Typically 0.5mm to 0.8mm |
| **Data Rate** | Supports High-Speed (Up to 10 Gbps+ depending on layout) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Plating** | Gold (Au) over Nickel (Ni) for enhanced conductivity |
---
### 2. Core Electronic Components & Architecture
#### A. Contact Design
The "R2" suffix often denotes a specific revision or right-angle orientation. The internal contacts are engineered for:
* **Low Insertion Loss:** Minimizing signal degradation over the connection.
* **Differential Pair Shielding:** Reducing Electromagnetic Interference (EMI) between neighboring signal pins.
#### B. Housing Materials
The body is typically made of **Liquid Crystal Polymer (LCP)** or high-temperature thermoplastic.
* **Purpose:** Provides high dielectric strength and ensures the part can withstand reflow soldering temperatures (up to 260°C).
#### C. Signal Integrity Features
* **Impedance Matching:** Usually tuned to 85Ω or 100Ω to match PCIe or Ethernet standards.
* **Grounding Plane:** Integrated grounding structures to reduce crosstalk in high-frequency applications.
---
### 3. Common Applications
Due to its robust design, the M2AS1-A314-R2 is found in:
1. **Automotive Infotainment:** Connecting main logic boards to display or radio modules.
2. **Server Blades:** Interconnecting riser cards.
3. **Industrial Automation:** High-speed data acquisition systems.
---
### 4. Implementation Example (Schematic Logic)
When integrating this part into a PCB design, the pinout logic usually follows a high-speed differential pair arrangement:
```markdown
Pin 1: GND (Shield)
Pin 2: SIG_P (Positive Differential)
Pin 3: SIG_N (Negative Differential)
Pin 4: GND (Shield)
...
Pin N: VCC (Power, if supported by specific pin rating)
```
- ⤷
What is the exact pin pitch and height for the M2AS1-A314-R2?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ Are there specific footprints available for Altium or Eagle for this connector?