Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-A314-R2/CE

  • AI
    The **M2AS1-A314-R2/CE** is a specialized electronic module, typically associated with **Advantech’s** line of industrial communication or cellular M.2 modules. These parts are designed for industrial IoT (IIoT) applications requiring robust connectivity in harsh environments. ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the core electronic characteristics: | Component Feature | Specification Details | | :--- | :--- | | **Form Factor** | M.2 Key B (typically 3042 or 3052 size) | | **Network Support** | LTE Cat 4 / 3G / 2G (Regional variants exist) | | **Interface** | USB 2.0 / USB 3.0 (Internal M.2 Bus) | | **Operating Voltage** | 3.3V DC (Typical for M.2 slots) | | **Temperature Range** | Industrial Grade: -40°C to +85°C | | **Certifications** | CE (European Conformity), RED, RoHS | --- ### 2. Core Electronic Architecture The module functions as a bridge between a host processor (via the M.2 slot) and the cellular network. Its internal electronics consist of several critical subsystems: #### A. Baseband Processor The "brain" of the module that handles all digital signal processing, protocol stacks (TCP/UDP/IP), and AT command execution. #### B. RF Front-End (RFFE) * **Power Amplifiers:** Boosts the signal for transmission to cell towers. * **Low Noise Amplifiers (LNA):** Sensitive circuits designed to pick up weak incoming signals from the antenna. * **Transceivers:** Converts digital data into radio waves and vice-versa. #### C. Power Management Integrated Circuit (PMIC) Industrial modules like the A314-R2 require precise voltage regulation. The PMIC ensures that fluctuations in the host's 3.3V rail do not interfere with sensitive RF transmissions. --- ### 3. Physical Interconnects The **M.2 Key B** interface involves several pin groups: 1. **Power & Ground:** Multiple pins dedicated to 3.3V to handle peak current during transmission bursts. 2. **USB Interface:** Used for the data plane between the OS and the modem. 3. **SIM Interface:** Pins connected to an external SIM slot (usually via the motherboard or carrier board). 4. **Control Pins:** `W_DISABLE#` (Hardware airplane mode) and `RESET#`. 5. **Antenna Connectors:** Typically 2x IPEX MHF4 connectors (Main and Diversity). --- ### 4. Use Case Scenarios Because of the "CE" and industrial rating, this part is commonly used in: * **Industrial Gateways:** Providing failover internet for remote factories. * **Digital Signage:** Outdoor displays requiring cellular updates. * **Smart Grid:** Monitoring electronic utility meters in extreme weather.
    ✨ Follow-up Questions
    • ⤷ What are the specific LTE bands supported by the A314-R2 variant?
    • ⤷ Does this module require a specific driver for Linux or Windows environments?
    • ⤷ What is the peak power consumption of this module during data transmission?