Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-A322-R/Q

  • AI
    The **M2AS1-A322-R/Q** is a specific part number typically associated with **M.2 (NGFF) Solid State Drive (SSD) connectors**. These components are the physical interface sockets soldered onto a motherboard or carrier board to accept M.2 expansion cards (Storage, WiFi, or Bluetooth modules). --- ## Technical Specifications Based on the standard nomenclature for this series of connectors, here are the electronic and mechanical details: | Feature | Specification | | :--- | :--- | | **Connector Type** | M.2 (Next Generation Form Factor - NGFF) | | **Interface Style** | Surface Mount (SMT) / Right Angle | | **Keying** | Typically **M-Key** (Supports PCIe x4/NVMe) or **B-Key** | | **Pitch** | 0.50 mm | | **Number of Pins** | 67 Pins | | **Mounting Height** | Typically 3.2mm or 4.2mm (Referenced by the "322" code) | | **Orientation** | Horizontal (Top Mount) | --- ## Breakdown of the Part Number While specific manufacturers (like Lotes or Foxconn) use variations, the string generally breaks down as follows: 1. **M2AS1**: The series identifier for M.2 SMT (Surface Mount Technology) connectors. 2. **A322**: * **A**: Usually indicates the plating type (Gold Flash or 15u" Gold). * **322**: Often represents the **Product Height**. In this case, it likely refers to a **3.22mm** or **3.2mm** connector height above the PCB. 3. **R/Q**: * **R**: Generally stands for **Tape & Reel** packaging (automated assembly). * **Q**: Can indicate a specific Revision or Halogen-Free material compliance. --- ## Material and Electrical Characteristics These connectors are designed to handle high-speed signals with minimal interference. ### Electrical Performance * **Current Rating:** 0.5A per pin maximum. * **Voltage Rating:** 50V AC/DC. * **Contact Resistance:** 55mΩ Max. * **Insulation Resistance:** 500MΩ Min. ### Mechanical Durability * **Housing:** High-temperature thermoplastic (UL94V-0), compatible with reflow soldering. * **Contacts:** Copper alloy with Gold plating on the contact area to prevent oxidation and ensure signal integrity. * **Mating Cycles:** Rated for approximately 60 to 100 insertion cycles. --- ## Typical Applications * **Laptops/Notebooks:** Connecting NVMe SSDs or WiFi-6 modules. * **Industrial PCs:** Compact storage solutions. * **Single Board Computers (SBCs):** Adding expansion slots for M.2 modules.
    ✨ Follow-up Questions
    • ⤷ What is the difference between M-key and B-key in M.2 connectors?
    • ⤷ Does this connector support PCIe Gen 4 or Gen 5 speeds?
    • ⤷ What are the recommended soldering temperatures for SMT M.2 connectors?