M2AS1-A322-R2/CE
AI

The **M2AS1-A322-R2/CE** is a specialized electronic component, typically categorized as an **Electromagnetic Relay** or a specific **Controller/Switching Module** used in industrial automation and power management.
Based on technical nomenclature for this series, here is a breakdown of its electronic parts and specifications:
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Electromagnetic Relay / Industrial Switching Module |
| **Contact Configuration** | Single-Pole Single-Throw (SPST) or Double-Pole depending on wiring |
| **Voltage Rating** | Generally supports 220V - 240V AC (Standard CE regions) |
| **Current Capacity** | Typically 10A to 16A (Industrial Grade) |
| **Compliance** | CE (Conformité Européenne) certified for safety and EMC |
---
### 2. Internal Electronic Construction
The device consists of several critical internal sub-components:
#### A. The Coil Assembly
* **Copper Winding:** A high-precision electromagnetic coil that creates a magnetic field when energized.
* **Core:** A soft iron core that concentrates the magnetic flux to move the armature.
#### B. Contact System
* **Stationary & Movable Contacts:** Usually made of **Silver Tin Oxide (AgSnO2)** or **Silver Nickel (AgNi)** to resist electrical arcing and welding during high-current switching.
* **Spring Mechanism:** Ensures a rapid "snap-action" to disconnect the circuit, preventing prolonged arcing that could damage the electronics.
#### C. Protection & Housing
* **Arc Chute/Shield:** Internal geometry designed to extinguish electrical arcs quickly.
* **Insulation Material:** High-grade thermoplastic (often UL94-V0 rated) that provides high dielectric strength between the control circuit and the load circuit.
---
### 3. Part Number Suffix Breakdown
The alphanumeric code provides specific details about the electronic tolerances:
* **M2AS1:** The base series identifier (often associated with modular switching).
* **A322:** Defines the coil voltage and specific contact material configuration.
* **R2:** Revision 2 of the internal PCB or mechanical design.
* **CE:** Indicates the part meets European Union safety, health, and environmental protection requirements.
---
### 4. Typical Applications
This component is commonly found in:
1. **HVAC Systems:** Controlling compressors or fan motors.
2. **Industrial PLCs:** Acting as an interface between low-power logic and high-power actuators.
3. **Power Distribution Panels:** Used for remote switching of lighting or heating elements.
- ⤷
What is the exact coil voltage rating for the A322 variant?
- ⤷ Can this part be mounted on a standard DIN rail?
- ⤷ What are the recommended wire gauges for the terminals of this module?